Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8504PWADJ Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8504PWADJ
Description  Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8504PWADJ Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8504PWADJ Datasheet HTML 1Page - ON Semiconductor NCV8504PWADJ Datasheet HTML 2Page - ON Semiconductor NCV8504PWADJ Datasheet HTML 3Page - ON Semiconductor NCV8504PWADJ Datasheet HTML 4Page - ON Semiconductor NCV8504PWADJ Datasheet HTML 5Page - ON Semiconductor NCV8504PWADJ Datasheet HTML 6Page - ON Semiconductor NCV8504PWADJ Datasheet HTML 7Page - ON Semiconductor NCV8504PWADJ Datasheet HTML 8Page - ON Semiconductor NCV8504PWADJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCV8504 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (IOUT = 1.0 mA, −40°C ≤ TJ ≤ 150°C; VIN = dependent on voltage option (Note 4);
unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Reset Function (RESET)
RESET Threshold for 2.5 V Option
HIGH (VRH)
LOW (VRL)
Hysteresis
VIN = 4.5 V (Note 5) (Note 6)
VOUT Increasing
VOUT Decreasing
2.35
2.30
25
1.0 × VO
V
V
mV
RESET Threshold for 3.3 V Option
HIGH (VRH)
LOW (VRL)
Hysteresis
VIN = 4.5 V (Note 5) (Note 6)
VOUT Increasing
VOUT Decreasing
3.10
3.00
35
1.0 × VO
V
V
mV
RESET Threshold for 5.0 V Option
HIGH (VRH)
LOW (VRL)
Hysteresis
VIN = 6.0 V (Note 6)
VOUT Increasing
VOUT Decreasing
4.70
4.60
50
1.0 × VO
V
V
mV
RESET Threshold for Adjustable Option
HIGH (VRH)
LOW (VRL)
Hysteresis
VIN = 4.5 V (Note 5) (Note 6)
VOUT Increasing
VOUT Decreasing
1.22
1.19
10
1.0 × VO
V
V
mV
Output Voltage
Low (VRLO)
VIN = Minimum (Note 6) (Note 7)
1.0 V ≤ VOUT ≤ VRL, RRESET = 5.1 k
0.1
0.4
V
DELAY Switching Threshold (VDT)
(2.5 V, 3.3 V, and 5.0 V Options)
VIN = Minimum (Note 6) (Note 7)
1.4
1.8
2.2
V
DELAY Switching Threshold (VDT)
(Adjustable Option)
VIN = Minimum (Note 6) (Note 7)
1.0
1.3
1.6
V
DELAY Low Voltage
VIN = Minimum (Note 6) (Note 7)
VOUT < RESET Threshold Low(min)
0.2
V
DELAY Charge Current
VIN = Minimum (Note 6) (Note 7)
DELAY = 1.0 V, VOUT > VRH
2.5
4.0
5.5
μA
DELAY Discharge Current
VIN = Minimum (Note 6) (Note 7)
DELAY = 1.0 V, VOUT < VRL
5.0
mA
Reset Adjust Switching Voltage (VR(ADJ))
Hysteresis
VIN = Minimum (Note 6) (Note 7)
Increasing and Decreasing
1.16
20
1.25
50
1.34
100
V
mV
FLAG/Monitor
Monitor Threshold
Increasing and Decreasing,
VIN = Minimum (Note 6) (Note 7)
1.22
1.29
1.36
V
Hysteresis
VIN = Minimum (Note 6) (Note 7)
10
35
75
mV
Input Current
MON = 2.0 V
−1.0
0.1
1.0
μA
Output Saturation Voltage
MON = 0 V, IFLAG = 1.0 mA,
VIN = Minimum (Note 6) (Note 7)
0.1
0.4
V
Voltage Adjust (Adjustable Output only)
Input Current
VADJ = 1.25 V
−0.5
0.5
μA
4. Voltage range specified in the Output Stage of the Electrical Characteristics in boldface type.
5. For VIN ≤ 4.5 V, a RESET = Low may occur with the output in regulation.
6. Part is guaranteed by design to meet specification over the entire VIN voltage range, but is production tested only at the specified VIN
voltage.
7. Minimum VIN = 4.5 V for 2.5 V, 3.3 V, and Adjustable options. Minimum VIN = 6.0 V for 5.0 V option.


Similar Part No. - NCV8504PWADJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8504PWADJ ONSEMI-NCV8504PWADJ Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8504PWADJG ONSEMI-NCV8504PWADJG Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
NCV8504PWADJR2 ONSEMI-NCV8504PWADJR2 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8504PWADJR2G ONSEMI-NCV8504PWADJR2G Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
More results

Similar Description - NCV8504PWADJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503_07 Datasheet
186Kb / 13P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 19
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com