Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCV8501 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCV8501
Description  Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCV8501 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCV8501 Series
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (IOUT = 1.0 mA, ENABLE = 5.0 V, −40°C ≤ TJ ≤ 150°C; VIN dependent on voltage option
(Note 4); unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Reset Function (RESET)
RESET Threshold for 10 V Option
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
8.60
8.50
9.40
9.20
0.98 × VOUT
0.97 × VOUT
V
V
Output Voltage
Low (VRLO)
1.0 V ≤ VOUT ≤ VRL, RRESET = 10 k
0.1
0.4
V
DELAY Switching Threshold (VDT)
1.4
1.8
2.2
V
DELAY Low Voltage
VOUT < RESET Threshold Low(min)
0.1
V
DELAY Charge Current
DELAY = 1.0 V, VOUT > VRH
1.5
2.5
3.5
mA
DELAY Discharge Current
DELAY = 1.0 V, VOUT = 1.5 V
5.0
mA
FLAG/Monitor
Monitor Threshold
Increasing and Decreasing
1.10
1.20
1.31
V
Hysteresis
20
50
100
mV
Input Current
MON = 2.0 V
−0.5
0.1
0.5
mA
Output Saturation Voltage
MON = 0 V, IFLAG = 1.0 mA
0.1
0.4
V
Voltage Adjust (Adjustable Output only)
Input Current
VADJ = 1.28 V
−0.5
0.5
mA
ENABLE
Input Threshold
Low
High
3.0
0.5
V
V
Input Current
ENABLE = 5.0 V
1.0
5.0
mA
4. Voltage range specified in the Output Stage of the Electrical Characteristics in boldface type.
5. For VIN ≤ 5.5 V, a RESET = Low may occur with the output in regulation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn