Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7601 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7601
Description  Quad Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7601 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7601_06 Datasheet HTML 1Page - ON Semiconductor NCV7601_06 Datasheet HTML 2Page - ON Semiconductor NCV7601_06 Datasheet HTML 3Page - ON Semiconductor NCV7601_06 Datasheet HTML 4Page - ON Semiconductor NCV7601_06 Datasheet HTML 5Page - ON Semiconductor NCV7601_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NCV7601
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Typical VCE(SUS)
Figure 4. Typical Output On Voltage, VCC = 4.0 V
Figure 5. Typical Output Current Limit, VCC = 5.0 V
Figure 6. Typical Clamp Diode Forward Voltage
Figure 7. Typical VCC Current − No Outputs On,
VCC = 5.5 V
Figure 8. Typical VCC Current − All Outputs On,
VCC = 5.5 V, IOUT = 600 mA (Each Output)
−40
55
Temperature (
°C)
57
59
61
63
65
67
−20
0
20
40
60
80
100
120
140
−40
25
Temperature (
°C)
125
175
225
275
325
375
−20
0
20
40
60
80
100
120
140
75
−40
0.8
Temperature (
°C)
1.1
1.2
1.3
1.4
1.5
1.6
−20
0
20
40
60
80
100
120
140
1.0
0.9
VCE = 4.5 V
VCE = 16 V
IOUT = 600 mA
IOUT = 400 mA
IOUT = 100 mA
−40
0.75
Temperature (
°C)
1.15
1.35
1.55
1.75
−20
0
20
40
60
80
100
120
140
0.95
IF = 1.5 A
IF = 0.5 A
−40
1.5
Temperature (
°C)
1.9
2.1
2.3
2.5
−20
0
20
40
60
80
100
120
140
1.7
−40
40
Temperature (
°C)
50
55
60
−20
0
20
40
60
80
100
120
140
45


Similar Part No. - NCV7601_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7601P ONSEMI-NCV7601P Datasheet
55Kb / 8P
   Quad Driver
February, 2003 - Rev. 2
More results

Similar Description - NCV7601_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E112 MICREL-SY10E112 Datasheet
62Kb / 4P
   QUAD DRIVER
logo
Hitachi Semiconductor
HA13007 HITACHI-HA13007 Datasheet
93Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601 Datasheet
55Kb / 8P
   Quad Driver
February, 2003 - Rev. 2
logo
National Semiconductor ...
F100112 NSC-F100112 Datasheet
112Kb / 4P
   Quad Driver
logo
Renesas Technology Corp
ISL35411 RENESAS-ISL35411 Datasheet
845Kb / 12P
   Quad Driver
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112 Datasheet
99Kb / 4P
   QUAD DRIVER
1996 REV 2
logo
Intersil Corporation
ISL35411 INTERSIL-ISL35411 Datasheet
404Kb / 11P
   Quad Driver
logo
Micrel Semiconductor
SY100S313 MICREL-SY100S313_07 Datasheet
79Kb / 4P
   QUAD DRIVER
SY100S313 MICREL-SY100S313 Datasheet
97Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
MC10192 ONSEMI-MC10192_02 Datasheet
86Kb / 4P
   Quad Bus Driver
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com