Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7382D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV7382D
Description  Enhanced LIN Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7382D Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7382D Datasheet HTML 1Page - ON Semiconductor NCV7382D Datasheet HTML 2Page - ON Semiconductor NCV7382D Datasheet HTML 3Page - ON Semiconductor NCV7382D Datasheet HTML 4Page - ON Semiconductor NCV7382D Datasheet HTML 5Page - ON Semiconductor NCV7382D Datasheet HTML 6Page - ON Semiconductor NCV7382D Datasheet HTML 7Page - ON Semiconductor NCV7382D Datasheet HTML 8Page - ON Semiconductor NCV7382D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCV7382
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VS = 7.0 to 18 V, VCC = 4.5 to 5.5 V and TA = −40 to 125°C unless otherwise noted.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
TXD, EN
High Level Input Voltage
Vih
Rising Edge
0.7*VCC
V
Low Level Input Voltage
Vil
Falling Edge
0.3*VCC
V
TxD Pullup Resistor
RIH_TXD
VTxD = 0 V
10
15
25
kW
EN Pulldown Resistor
RIL_EN
VEN = 5.0 V
20
30
50
kW
RXD
Low Level Output Voltage
Vol_rxd
IRxD = 2.0 mA
0.9
V
Leakage Current
Vleak_rxd
VRxD = 5.5 V, Recessive
−10
10
mA
INH
On Resistance
Ron_INH
Normal or Standby Mode,
VINH = VS − 1.0 V, VS = 12 V
20
50
W
Leakage Current
IINH_lk
EN = L, VINH = 0 V
−5.0
5.0
mA
AC CHARACTERISTICS
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Propagation Delay Transmitter
(Notes 7 and 9)
ttrans_pdf
ttrans_pdr
Bus Loads: 1.0 KW/1.0 nF,
660 W/6.8 nF, 500 W/10 nF
5.0
ms
Propagation Delay Transmitter Symmetry
(Notes 8 and 9)
ttrans_sym
Calculate ttrans_pdf − ttrans_pdr
−2.0
2.0
ms
Propagation Delay Receiver
(Notes 7, 9, 12, 13 and 14)
trec_pdf
trec_pdr
CRxD = 20 pF
6.0
ms
Propagation Delay Receiver Symmetry
(Notes 9, 11 and 12)
trec_sym
Calculate ttrans_pdf − ttrans_pdr
−2.0
2.0
ms
Slew Rate Rising and Falling Edge,
High Battery (Notes 8, 11 and 12)
|tSR_HB|
Bus Loads: VS = 18 V,
1.0 KW/1.0 nF, 660 W/6.8 nF,
500 W/10 nF
1.0
2.0
3.0
V/ms
Slew Rate Rising and Falling Edge,
Low Battery (Notes 8, 11 and 12)
|tSR_LB|
Bus Loads: VS = 7.0 V,
1.0 KW/1.0 nF, 660 W/6.8 nF,
500 W/10 nF
0.5
2.0
3.0
V/ms
Slope Symmetry, High Battery
(Notes 11 and 12)
tssym_HB
Bus Loads: VS = 18 V,
1.0 kW/1.0 nF, 660 W/6.8 nF,
500 W/10 nF,
Calculate tsdom – tsrec
−5.0
+5.0
ms
Bus Duty Cycle (Note 13)
D1
D2
Calculate tBUS_rec(min)/100 ms
Calculate tBUS_rec(max)/100 ms
0.396
0.581
ms/ms
ms/ms
Receiver Debounce Time
(Notes 8, 11 and 14)
trec_deb
BUS Rising and Falling Edge
1.5
4.0
ms
Wakeup Filter Time
twu
Sleep Mode,
BUS Rising & Falling Edge
30
150
ms
EN − Debounce Time
ten_deb
Normal −> Sleep Mode Transi-
tion
10
20
40
ms
7. Propagation delays are not relevant for LIN protocol transmission, value only information parameter.
8. No production test, guaranteed by design and qualification.
9. See Figure 2 − Input/Output Timing.
10.See Figure 8 − Slope Time Calculation.
11. See Figure 3 − Receiver Debouncing.
12.In accordance to LIN physical layer specification 1.3.
13.In accordance to LIN physical layer specification 2.0.
14.This parameter is tested by applying a square wave to the bus. The minimum slew rate for the bus rising and falling edges is 50 V/ms.


Similar Part No. - NCV7382D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7382D ONSEMI-NCV7382D Datasheet
112Kb / 16P
   Enhanced LIN Transceiver
May, 2004 ??Rev. P1
NCV7382DR2 ONSEMI-NCV7382DR2 Datasheet
112Kb / 16P
   Enhanced LIN Transceiver
May, 2004 ??Rev. P1
More results

Similar Description - NCV7382D

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80020 MELEXIS-MLX80020 Datasheet
781Kb / 26P
   Enhanced LIN Transceiver
logo
ON Semiconductor
NCV7382 ONSEMI-NCV7382 Datasheet
112Kb / 16P
   Enhanced LIN Transceiver
May, 2004 ??Rev. P1
logo
Melexis Microelectronic...
MLX80004 MELEXIS-MLX80004 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80002 MELEXIS-MLX80002 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com