Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7380 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7380
Description  LIN Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7380 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7380_07 Datasheet HTML 1Page - ON Semiconductor NCV7380_07 Datasheet HTML 2Page - ON Semiconductor NCV7380_07 Datasheet HTML 3Page - ON Semiconductor NCV7380_07 Datasheet HTML 4Page - ON Semiconductor NCV7380_07 Datasheet HTML 5Page - ON Semiconductor NCV7380_07 Datasheet HTML 6Page - ON Semiconductor NCV7380_07 Datasheet HTML 7Page - ON Semiconductor NCV7380_07 Datasheet HTML 8Page - ON Semiconductor NCV7380_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCV7380
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VS = 7.0 to 18 V, VCC = 4.5 to 5.5 V and TA = −40 to 125°C unless otherwise noted.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
GENERAL
VCC Undervoltage Lockout
VCC_UV
VS > 6.0 V, TxD = L, EN = H
2.75
4.3
V
Supply Current, Dominant
ISd
VS = 18 V, VCC = 5.5 V,
TxD = L
1.0
3.0
mA
Supply Current, Dominant
ICCd
VS = 18 V, VCC = 5.5 V,
TxD = L
0.8
1.5
mA
Supply Current, Recessive
ISr
VS = 18 V, VCC = 5.5 V,
TxD = Open
10
20
mA
Supply Current, Recessive
ICCr
VS = 18 V, VCC = 5.5 V,
TxD = Open
14
30
mA
Supply Current, Recessive
ISr + ICCr
VS = 12 V, VCC = 5.0 V,
TxD = Open, TA = 25°
24
mA
Thermal Shutdown
Tsd (Note 5)
155
180
°C
Thermal Recovery
Thys (Note 5)
126
140
150
°C
BUS − Transmit
Short Circuit Bus Current
IBUS_LIM
(Notes 6 and 7)
VBUS = VS, Driver On
120
200
mA
Pullup Current Bus
IBUS_PU
(Notes 6 and 7)
VBUS = 0, VS = 12 V, Driver Off
−600
−200
mA
Bus Reverse Current, Recessive
IBUS_PAS_rec
(Notes 6 and 7)
VBUS > VS, 8.0 V < VBUS < 18 V,
7.0 V < VS < 18 V , Driver Off
5.0
mA
Bus Reverse Current Loss of
Battery
IBUS
(Notes 6 and 7)
VS = 0 V, 0 V < VBUS < 18 V
5.0
mA
Bus Current During Loss of
Ground
IBUS_NO_GND
(Notes 6 and 7)
VS = 12 V, 0 < VBUS < 18 V
−1.0
1.0
mA
Transmitter Dominant Voltage
VBUSdom_DRV_2
(Note 6)
VS = 7.0 V, Load = 500 W
1.2
V
Transmitter Dominant Voltage
VBUSdom_DRV_3
(Note 6)
VS = 18 V, Load = 500 W
2.0
V
Bus Input Capacitance
CBUS (Note 5)
Pulse Response via 10 kW,
VPULSE = 12 V, VS = Open
25
35
pF
BUS − Receive
Receiver Dominant Voltage
VBUSdom
(Notes 6 and 7)
0.4*VS
V
Receiver Recessive Voltage
VBUSrec
(Notes 6 and 7)
0.6*VS
V
Center Point of Receiver
Threshold
VBUS_CNT
(Notes 6 and 7)
VBUS_CNT = (VBUSdom and VBUSrec)/2
0.487
*VS
0.5*VS
0.512*VS
V
Receiver Hysteresis
VHYS
(Notes 6 and 7)
VBUS_CNTt = (VBUSrec−VBUSdom)
0.16*VS
V
5. No production test, guaranteed by design and qualification.
6. In accordance to LIN physical layer specification 1.3.
7. In accordance to LIN physical layer specification 2.0.


Similar Part No. - NCV7380_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7380D ONSEMI-NCV7380D Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
NCV7380DR2 ONSEMI-NCV7380DR2 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
More results

Similar Description - NCV7380_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
   LIN Transceiver
Rev. 1.3, Dec. 2004
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
   LIN Transceiver
Rev. 1.0, 2013-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com