Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCV7361A Datasheet(PDF) 22 Page - ON Semiconductor

Part No. NCV7361A
Description  Voltage Regulator with Integrated LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCV7361A Datasheet(HTML) 22 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
NCV7361A
http://onsemi.com
22
Figure 34. Safe Operating Area
5
60
17
40
18
15
14
VSUP (V)
30
10
0
616
19
7
20
13
12
11
10
89
50
SOIC8
TA = 125°C
TJ = 150°C
maximum current
SOIC8
TA = 85°C
TJ = 125°C
SOIC8
TA = 85°C
TJ = 150°C
The linear regulator of the NCV7361A operates with
input voltages up to 18 V and can output a current of
50 mA. The maximum power dissipation limits the
maximum output current at high input voltages and high
ambient temperatures. The output current of 50 mA at an
ambient temperature of TA = 125°C is only possible with
small voltage differences between VSUP and VCC. See
Figure 34 for safe operating areas for different ambient and
junction temperatures.
Regulator Circuitry
Low Dropout Regulator
The voltage regulator of the NCV7361A is a low dropout
regulator
(LDO)
with
a
P−MOSFET
as
the
driving transistor.
This type of regulator has a standard pole, generated
from the internal frequency compensation and an
additional pole, which is dependent from the load and the
load capacity. This additional pole can cause an instable
behavior of the regulator! It requires a zero point to
compensate this additional pole. It can be realized via an
additional load resistor in series with a load capacity. It is
used
for
this
compensation
the
Equivalent Series Resistance (ESR) of the load capacity.
Every real capacity is characterized with an ESR value.
With the help of this ESR value an additional zero point is
implemented into the amplification loop and therefore the
result of the negative phase shift is compensated.
Because of this correlation the regulator has a stable
operating area which is defined by the load resistance RL,
the load capacity CL and the corresponding ESR value. The
load resistance resp. load current is defined by the
application itself and therefore the compensation of the
pole can only be done via variation of the load capacity and
ESR value.
Input Capacity on VSUP CIN
It is necessary to have an input capacity of CIN = 4.7
mF.
Higher capacity values improve the line transient response
and the supply noise rejection behavior. The combination
of electrolytic capacity (e.g.100
mF) in parallel with a
ceramic
RF−capacity (e.g. 100 nF) archives
good
disturbance suppressing.
The input capacity should be placed as close as possible
(< 1 cm) to the VSUP pin.
Load Capacity on VOUT CL
The regulator is stabilized by the output capacitor CL.
The NCV7361A requires a minimum of 4.7
mF capacity
connected to the 5.0 V output to insure stability. This
capacitor should maintain its ESR in the stable region of the
ESR curve (Figure 35) over the full operating temperature
range of the application. The capacity value and the ESR
of a capacitor changes with temperature. The minimal
capacity value must be kept within the whole operating
temperature range.
Example 1:
The regulator is stabilized using a 47
mF aluminum
electrolytic capacitor load (ESR = 0.7
W @ 25°C). The
capacitance decreases to 42
mF and the ESR increases to
8.9
W at an ambient temperature of −40°C. The ESR value
is located in the unstable region. The regulator will be
unstable at −40
°C.
Example 2:
The regulator is stabilized using a 47
mF tantalum
capacitor load (ESR = 0.1
W @ 25°C). The capacitance
decreases to 45
mF and the ESR increases to 0.11 W at an
ambient temperature of −40
°C. The ESR value is located
in the stable region. The regulator will be stable at −40
°C.
Figure 35. ESR Curves for 6.8
mF 3 CL 3 100 mF and
Frequency of 100 kHz
0
100
Load Current (mA)
1
0.1
0.01
40
50
30
20
10
10
Unstable Region
Unstable Region
Stable Region
The value and type of the output capacitor can be
selected by using the diagram shown in Figure 35.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATA6602Microcontroller with LIN Transceiver 5V Regulator and Watchdog 1 2 3 4 5 MoreATMEL Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
74LCXH16245_05Low Voltage 16-Bit Bidirectional Transceiver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
LT1054LSwitched-Capacitor Voltage Converter with Regulator 1 2 3 4 5 MoreLinear Technology
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
VSC8111ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation 1 2 3 4 5 MoreVitesse Semiconductor Corporation
LD1985_05VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE WITH INHIBIT FUNCTION 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn