Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCV7361A Datasheet(PDF) 20 Page - ON Semiconductor

Part No. NCV7361A
Description  Voltage Regulator with Integrated LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7361A Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NCV7361A_05 Datasheet HTML 16Page - ON Semiconductor NCV7361A_05 Datasheet HTML 17Page - ON Semiconductor NCV7361A_05 Datasheet HTML 18Page - ON Semiconductor NCV7361A_05 Datasheet HTML 19Page - ON Semiconductor NCV7361A_05 Datasheet HTML 20Page - ON Semiconductor NCV7361A_05 Datasheet HTML 21Page - ON Semiconductor NCV7361A_05 Datasheet HTML 22Page - ON Semiconductor NCV7361A_05 Datasheet HTML 23Page - ON Semiconductor NCV7361A_05 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
NCV7361A
http://onsemi.com
20
Table 1. SO−8 Thermal RC Network Models*
Copper Area (1 oz thick)
54 mm2
714 mm2
54 mm2
714 mm2
(SPICE Deck Format)
Cauer Network
Foster Network
54 mm2
714 mm2
Units
Tau
Tau
Units
C_C1
Junction
GND
1.08E−05
1.08E−05
W−s/C
1.00E−06
1.00E−06
sec
C_C2
node1
GND
4.10E−05
4.10E−05
W−s/C
1.00E−05
1.00E−05
sec
C_C3
node2
GND
1.13E−04
1.13E−04
W−s/C
1.00E−04
1.00E−04
sec
C_C4
node3
GND
4.42E−04
4.40E−04
W−s/C
5.00E−04
5.00E−04
sec
C_C5
node4
GND
1.74E−03
1.71E−03
W−s/C
1.00E−03
1.00E−03
sec
C_C6
node5
GND
1.39E−03
1.34E−03
W−s/C
1.00E−02
1.00E−02
sec
C_C7
node6
GND
2.08E−02
1.78E−02
W−s/C
1.00E−01
1.00E−01
sec
C_C8
node7
GND
1.08E−02
9.75E−03
W−s/C
1.00E+00
1.00E+00
sec
C_C9
node8
GND
1.14E−01
1.84E−01
W−s/C
1.00E+01
1.00E+01
sec
C_C10
node9
GND
8.11E−01
3.00E+00
W−s/C
5.00E+01
5.00E+01
sec
R’s
R’s
R_R1
Junction
node1
0.119
0.119
C/W
0.070
0.070
C/W
R_R2
node1
node2
0.286
0.286
C/W
0.152
0.152
C/W
R_R3
node2
node3
0.857
0.859
C/W
0.481
0.481
C/W
R_R4
node3
node4
1.181
1.189
C/W
0.690
0.690
C/W
R_R5
node4
node5
1.241
1.276
C/W
0.584
0.584
C/W
R_R6
node5
node6
2.574
2.690
C/W
3.223
3.223
C/W
R_R7
node6
node7
18.065
21.708
C/W
0.823
0.823
C/W
R_R8
node7
node8
27.965
26.035
C/W
26.801
35.166
C/W
R_R9
node8
node9
80.896
49.821
C/W
63.710
52.538
C/W
R_R10
node9
GND
49.468
15.252
C/W
86.119
25.510
C/W
*Bold face items in the tables above represent the package without the external thermal system.
The
Cauer
networks
generally
have
physical
significance and may be divided between nodes to separate
thermal behavior due to one portion of the network from
another. The Foster networks, though when sorted by time
constant (as above) bear a rough correlation with the Cauer
networks, are really only convenient mathematical models.
Cauer networks can be easily implemented using circuit
simulating tools, whereas Foster networks may be more
easily implemented using mathematical tools (for instance,
in a spreadsheet program), according to the following
formula:
R(t)
+
n
S
i
+ 1
Ri 1−e
−t taui
Junction
Ambient
(thermal ground)
R1
R2
C1
C2
C3
Cn
Rn
R3
Time constants are
not simple RC products.
Amplitudes of mathematical solution are
not the resistance values.
Figure 29. Grounded Capacitor Thermal Network (“Cauer” Ladder)
Figure 30. Non−Grounded Capacitor Thermal Ladder (“Foster” Ladder)
Junction
Ambient
(thermal ground)
R1
R2
C1
C2
C3
Cn
Rn
R3
Each rung is exactly characterized by its RC−product time constant; Am-
plitudes are the resistances


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATA6602Microcontroller with LIN Transceiver 5V Regulator and Watchdog 1 2 3 4 5 MoreATMEL Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
74LCXH16245_05Low Voltage 16-Bit Bidirectional Transceiver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
LT1054LSwitched-Capacitor Voltage Converter with Regulator 1 2 3 4 5 MoreLinear Technology
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
VSC8111ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation 1 2 3 4 5 MoreVitesse Semiconductor Corporation
LD1985_05VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE WITH INHIBIT FUNCTION 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn