Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCV7361A Datasheet(PDF) 17 Page - ON Semiconductor

Part No. NCV7361A
Description  Voltage Regulator with Integrated LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCV7361A Datasheet(HTML) 17 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
NCV7361A
http://onsemi.com
17
If the application does not need the wake−up capability
of the NCV7361A, a direct connection EN to VSUP is
possible. In this case, the NCV7361A operates in
permanent normal mode. Also possible is the external
(outside of the module) control of the EN line via a VBAT
signal.
Wake−Up
If the regulator is in a standby (sleep) mode, it can be
woken up with the BUS interface. Every pulse on the BUS
(high pulse or low pulse) with a pulse width of minimum
25
ms switches on the regulator.
After the BUS wake−up for the regulator, it can only be
turned off with a high level followed by a low level on the
EN pin.
Overtemperature Shutdown
The thermal shutdown threshold is 155
°C < TJ < 175°C.
When exceeded, the overtemperature shutdown will be
active and the regulator voltage will be switched off. VOUT
drops
down,
the
reset
state
is
entered
and
the
bus−transceiver is switched off (recessive state).
After TJ falls below 140°C, the NCV7361A will be
initialized (see Figure 17), independent from the voltage
levels on EN and BUS. Within the thermal shutdown mode,
the transceiver can’t be switched to the normal mode with
local or with remote wake−up.
Function of the NCV7361A is possible between TAmax
(125
°C) and the switch−off temperature, but small
parameter differences can appear.
After overtemperature switch−off the IC behaves as
described in the RESET chapter.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATA6602Microcontroller with LIN Transceiver 5V Regulator and Watchdog 1 2 3 4 5 MoreATMEL Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
74LCXH16245_05Low Voltage 16-Bit Bidirectional Transceiver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
LT1054LSwitched-Capacitor Voltage Converter with Regulator 1 2 3 4 5 MoreLinear Technology
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
VSC8111ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation 1 2 3 4 5 MoreVitesse Semiconductor Corporation
LD1985_05VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE WITH INHIBIT FUNCTION 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn