Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCV7361A Datasheet(PDF) 16 Page - ON Semiconductor

Part No. NCV7361A
Description  Voltage Regulator with Integrated LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCV7361A Datasheet(HTML) 16 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
NCV7361A
http://onsemi.com
16
The 4
mA pulldown current source is used if the input
voltage VIN > high level voltage VENH. If the input voltage
drops below the low level of EN VENL, the second current
source is used. The resulting pulldown current in this case
is 100
mA.
The wide input voltage range allows different EN control
possibilities. If the EN input is connected to an CMOS
output of the MCU, a falling edge switches the NCV7361A
into sleep mode (the regulator is also switched off). The
wake−up is only possible via the bus line.
4
mA
96
mA
Enable
EN
Figure 23. EN Input Circuitry
VSUP
Voltage
Limiter
Figure 24. RIN Characteristics of EN Input
0
0
0.5
1.0 1.5
2.0
3.0
3.5
4.0 4.5
2.5
VIN (V)
10
100
1000
5.0
RIN_LH
RIN_HL
VSUP
EN
NCV7361A
GND
BUS
VOUT
RESET
TxD
RxD
+
MCU
CIN
200p
VBAT
LIN−BUS
+
+5 V
Figure 25. EN Controlled via MCU
VSUP
EN
NCV7361A
GND
BUS
VOUT
RESET
TxD
RxD
+
MCU
CIN
200p
VBAT
LIN−BUS
+
+5 V
Figure 26. Permanent Normal Mode
Cload
Cload


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATA6602Microcontroller with LIN Transceiver 5V Regulator and Watchdog 1 2 3 4 5 MoreATMEL Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
74LCXH16245_05Low Voltage 16-Bit Bidirectional Transceiver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
LT1054LSwitched-Capacitor Voltage Converter with Regulator 1 2 3 4 5 MoreLinear Technology
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
VSC8111ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation 1 2 3 4 5 MoreVitesse Semiconductor Corporation
LD1985_05VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE WITH INHIBIT FUNCTION 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn