Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCV7361A Datasheet(PDF) 13 Page - ON Semiconductor

Part No. NCV7361A
Description  Voltage Regulator with Integrated LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7361A Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCV7361A_05 Datasheet HTML 9Page - ON Semiconductor NCV7361A_05 Datasheet HTML 10Page - ON Semiconductor NCV7361A_05 Datasheet HTML 11Page - ON Semiconductor NCV7361A_05 Datasheet HTML 12Page - ON Semiconductor NCV7361A_05 Datasheet HTML 13Page - ON Semiconductor NCV7361A_05 Datasheet HTML 14Page - ON Semiconductor NCV7361A_05 Datasheet HTML 15Page - ON Semiconductor NCV7361A_05 Datasheet HTML 16Page - ON Semiconductor NCV7361A_05 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
NCV7361A
http://onsemi.com
13
VSUP Undervoltage in Sleep Mode
No exit from the sleep mode will take place if the VSUP
voltage drops down to VSUVR_ON (typical 3.0 V). The
undervoltage reset becomes active (POR−state). As a result
of this operating, the sleep mode is left to the normal mode.
If VSUP rises again above VSUVR_OFF (typical 3.5 V), the
IC initializes the voltage regulator and continues to work
with the normal mode.
The undervoltage reset unit secures stable operating in
the undervoltage range of VSUP down to GND level. The
dynamic Power−On−Reset secures a defined internal state
independent from the duration of the VSUP drop, which
secures a stable restart.
Overtemperature Shutdown
If the junction temperature is 155
°C < TJ < 170°C the
overtemperature recognition will be activated and the
regulator voltage will be switched off. The VOUT voltage
drops
down,
the
reset
state
is
entered
and
the
bus−transceiver is switched off (recessive state).
After TJ falls below 140°C the NCV7361A will be
initialized again (Figure 17) independently from the
voltage levels on EN and BUS. Within the thermal
shutdown mode the transceiver can not be switched to the
normal mode neither with local nor with remote wake−up.
The operation of the NCV7361A is possible between
TAmax (125°C) and the switch−off temperature, but small
parameter differences can appear.
After overtemperature switch−off the IC behaves as
described in Figure 17.
LIN BUS Transceiver
The NCV7361A is a bidirectional bus interface device
for data transfer between the LIN bus and the LIN protocol
controller.
The transceiver consists of a pnp−driver (1.2 V @
40 mA) with slew rate control, wave shaping and current
limit, and a high voltage receiver/comparator followed by
a filter circuit.
Transmit Mode
During transmission the data at the TxD pin will be
transferred to the BUS driver for generating a BUS signal.
To minimize the electromagnetic emission of the bus line,
the BUS driver has integrated slew rate control and wave
shaping circuitry.
Transmitting will be interrupted in the following cases:
Sleep Mode
Thermal Shutdown Active
Master Reset (V
OUT < 3.15 V)
The recessive BUS level is generated from the integrated
30 k pullup resistor in series with a diode This diode
prevents reverse current on VBUS when VBUS > VSUP.
No additional termination resistor is necessary to use the
NCV7361A in LIN slave nodes. If this IC is used for LIN
master nodes, it is necessary to terminate the bus pin with
an external 1.0 k
W resistor in series with a diode to VBAT.
Receive Mode
The data signal from the BUS pin will be transferred
continuously to the pin RxD. Short spikes on the bus are
suppressed by the internal filter circuit (
t = 2.8 ms).
Figure 17. RESET Behavior
trr
tRes
VSUP
RESET
VRES
VOUT
tRes
T>TJ
T<TJ
t<trr
tRes
t<trr
tRes
Initialization
Thermal
shutdown
Spike VSUP
Low voltage
VSUP
Current limitation
active
Spike VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATA6602Microcontroller with LIN Transceiver 5V Regulator and Watchdog 1 2 3 4 5 MoreATMEL Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
74LCXH16245_05Low Voltage 16-Bit Bidirectional Transceiver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
LT1054LSwitched-Capacitor Voltage Converter with Regulator 1 2 3 4 5 MoreLinear Technology
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
VSC8111ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation 1 2 3 4 5 MoreVitesse Semiconductor Corporation
LD1985_05VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE WITH INHIBIT FUNCTION 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn