Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCV7361A Datasheet(PDF) 10 Page - ON Semiconductor

Part No. NCV7361A
Description  Voltage Regulator with Integrated LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCV7361A Datasheet(HTML) 10 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
NCV7361A
http://onsemi.com
10
TYPICAL OPERATING CHARACTERISTICS
Figure 11. Vout Rise Time with 1 mF, 10 mF,
100
mF, and 150 mF Capacitors and 200 W Load
using EN to Enable the Output.
Figure 12. Vout Rise Time with a 10 mF Load
Capacitor and 1 k
W, 200 W, and 100 W Load
using EN to Enable the Output.
Figure 13. Vout Rise Time with a 100 mF Load
Capacitor and 1 k
W, 200 W, and 100 W Load
using EN to Enable the Output.
Figure 14. Vout Rise Time with a 150 mF Load
Capacitor and 1 k
W, 200 W, and 100 W Load
using EN to Enable the Output.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATA6602Microcontroller with LIN Transceiver 5V Regulator and Watchdog 1 2 3 4 5 MoreATMEL Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
74LCXH16245_05Low Voltage 16-Bit Bidirectional Transceiver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
LT1054LSwitched-Capacitor Voltage Converter with Regulator 1 2 3 4 5 MoreLinear Technology
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
VSC8111ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation 1 2 3 4 5 MoreVitesse Semiconductor Corporation
LD1985_05VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE WITH INHIBIT FUNCTION 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn