Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCV7361A Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCV7361A
Description  Voltage Regulator with Integrated LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7361A Datasheet(HTML) 1 Page - ON Semiconductor

  NCV7361A_05 Datasheet HTML 1Page - ON Semiconductor NCV7361A_05 Datasheet HTML 2Page - ON Semiconductor NCV7361A_05 Datasheet HTML 3Page - ON Semiconductor NCV7361A_05 Datasheet HTML 4Page - ON Semiconductor NCV7361A_05 Datasheet HTML 5Page - ON Semiconductor NCV7361A_05 Datasheet HTML 6Page - ON Semiconductor NCV7361A_05 Datasheet HTML 7Page - ON Semiconductor NCV7361A_05 Datasheet HTML 8Page - ON Semiconductor NCV7361A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 0
1
Publication Order Number:
NCV7361A/D
NCV7361A
Voltage Regulator with
Integrated LIN Transceiver
The NCV7361A consists of a low drop voltage regulator,
5.0 V/50 mA and a LIN bus transceiver. The LIN transceiver is
sui t a bl e
for
LIN
bus
syst e m s
com p a t i b l e
to
“LIN−Protocol Specification” Rev. 1.3, 2.0 and SAE J2602.
The combination of voltage regulator and bus transceiver make it
ideal for a powerful and inexpensive cost effective slave node in a
LIN Bus system.
Features
Operating Voltage V
SUP = 5.5 to 18 V
Very Low Standby Current Consumption < 110 mA in Normal Mode
(< 50
mA in Sleep Mode)
LIN−Bus Transceiver:
PNP−Bipolar Transistor Driver
Slew Rate Control and Wave Shaping for Best EMC Behavior
BUS Input Voltage −24 V to 30 V (Independent of VSUP)
Wake−Up Via LIN Bus
Baud Rate up to 20 kBaud
Compatible to LIN Specification 1.3, 2.0 and SAE J2602
Compatible to ISO9141 Functions
Wake−Up by LIN BUS and Startup Capable Independent of EN
Voltage Level
Linear Low Drop Voltage Regulator:
Output Voltage 5.0 V
"2%
Output Current Max. 50 mA
Output Current Limit
Overtemperature Shutdown
Reset Time 100 ms and Reset Threshold Voltage 4.65 V
CMOS Compatible Interface to Microcontroller
Load Dump Protected (40 V Peak)
Resistant Against Transient Pulses According to ISO 7637 at
Pin VSUP, BUS and EN
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
SO−8
D SUFFIX
CASE 751
PIN CONNECTIONS
Device
Package
Shipping
ORDERING INFORMATION
NCV7361AD
SO−8
98 Units / Rail
MARKING
DIAGRAM
A = Assembly Location
L
= Wafer Lot
Y = Year
W = Work Week
18
5
3
4
(Top View)
VSUP
GND
VOUT
7
6
2
RESET
EN
BUS
RxD
TxD
NCV7361ADR2
SO−8
2500 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
1
8
7361A
ALYW
1
8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATA6602Microcontroller with LIN Transceiver 5V Regulator and Watchdog 1 2 3 4 5 MoreATMEL Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
74LCXH16245_05Low Voltage 16-Bit Bidirectional Transceiver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
LT1054LSwitched-Capacitor Voltage Converter with Regulator 1 2 3 4 5 MoreLinear Technology
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
VSC8111ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation 1 2 3 4 5 MoreVitesse Semiconductor Corporation
LD1985_05VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE WITH INHIBIT FUNCTION 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn