Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCV7361A Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCV7361A
Description  Voltage Regulator with Integrated LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7361A Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7361A_05 Datasheet HTML 1Page - ON Semiconductor NCV7361A_05 Datasheet HTML 2Page - ON Semiconductor NCV7361A_05 Datasheet HTML 3Page - ON Semiconductor NCV7361A_05 Datasheet HTML 4Page - ON Semiconductor NCV7361A_05 Datasheet HTML 5Page - ON Semiconductor NCV7361A_05 Datasheet HTML 6Page - ON Semiconductor NCV7361A_05 Datasheet HTML 7Page - ON Semiconductor NCV7361A_05 Datasheet HTML 8Page - ON Semiconductor NCV7361A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
NCV7361A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (5.25 V
v VSUP v 18 V, −40°C v TA v 125°C unless otherwise noted)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
LIN BUS INTERFACE
Receive Threshold
Vthr_rec,
Vthr_dom
0.4 *VSUP
0.6
*VSUP
V
Receive Center Point
Vthr_cnt = (Vthr_rec + Vthr_dom)/2
Vthr_cnt
7.0 V
v VSUP v 18 V
0.475
*VSUP
0.5
*VSUP
0.525
*VSUP
Receive Hysteresis
Vthr_hys = Vthr_rec − Vthr_dom
Vthr_hys
0.12 *VSUP
0.135
*VSUP
0.15
*VSUP
BUS Input Current (Recessive)
(Note 7)
IINBUSR
8.0
v VBUS v 18 V,
VSUP = VBUS − 0.7 V, TxD = 4.5 V
20
mA
BUS Input Current (Recessive)
−IINBUSR
VSUP = 0 V, VBUS = −12 V
−1.0
mA
BUS Input Current (Recessive)
−IINBUSR
VSUP = Open, VBUS = −18 V
−1.0
mA
BUS Pullup Resistor
RBUSpu
20
30
47
k
W
BUS Output Voltage (Dominant)
(Note 7)
VBUSdom
7.0
v VSUP v 18 V, TxD = 0 V,
RL = 500 W
1.2
V
BUS Output Voltage (Recessive)
(Notes 7 and 8)
VBUSrec
7.0
v VSUP v 18 V, TxD = 4.5 V
0.8 *VSUP
V
BUS Current Limit
ILIM
VBUS > 2.5 V, TxD = 0 V
40
120
mA
TxD
Pullup Resistance
Rpu_TxD
9.5
15
21
k
W
Input Low Level
VIL
1.25
V
Input High Level
VIH
3.75
V
RxD
Output Voltage Low
VOL
IOUT = 1.0 mA
0.8
V
Output Voltage High
VOH
IOUT = −1.0 mA
4.2
V
7. See Figures 7, 8, and 9 for test setup.
8. The recessive voltage on BUS should not be less than 80% direct battery. The LIN specification requires an external reverse battery diode
between the battery and VSUP. VSUP = VBAT −0.7 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATA6602Microcontroller with LIN Transceiver 5V Regulator and Watchdog 1 2 3 4 5 MoreATMEL Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
74LCXH16245_05Low Voltage 16-Bit Bidirectional Transceiver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
LT1054LSwitched-Capacitor Voltage Converter with Regulator 1 2 3 4 5 MoreLinear Technology
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
VSC8111ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation 1 2 3 4 5 MoreVitesse Semiconductor Corporation
LD1985_05VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE WITH INHIBIT FUNCTION 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn