Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43USB353M Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT43USB353M_04 Datasheet HTML 41Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 42Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 43Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 44Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 45Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 46Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 47Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 48Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
45
AT43USB353M
3307B–USB–4/04
value, but the down-counting compare match is not interpreted to be reached before the next
time the counter reaches the TOP value, making a one-period PWM pulse.
Note:
X = A or B
In PWM mode, the Timer Overflow Flag1, TOV1, is set when the counter advances from
$0000. Timer Overflow Interrupt1 operates exactly as in normal Timer/Counter mode, i.e. it is
executed when TOV1 is set provided that Timer Overflow Interrupt1 and global interrupts are
enabled. This also applies to the Timer Output Compare1 flags and interrupts.
Watchdog Timer
The Watchdog Timer is clocked from a 1 MHz clock derived from the 6 MHz on chip oscillator.
By controlling the Watchdog Timer prescaler, the Watchdog reset interval can be adjusted,
see Table 20 for a detailed description. The WDR (Watchdog Reset) instruction resets the
Watchdog Timer. Eight different clock cycle periods can be selected to determine the reset
period. If the reset period expires without another Watchdog reset, the AT43USB355 resets
and executes from the reset vector.
To prevent unintentional disabling of the watchdog, a special turn-off sequence must be fol-
lowed when the watchdog is disabled. Refer to the description of the Watchdog Timer Control
Register for details.
Figure 14. Watchdog Timer
Table 19. PWM Outputs OCR1X = $0000 or Top
COM1X1
COM1X0
OCR1X
Output OC1X
1
0
$0000
L
10
TOP
H
1
1
$0000
H
11
TOP
L
1 MHz Clock
MCU Reset
WDE
WDP2
WDP1
WDP0
Watchdog
Reset
Watchdog Prescaler


Similar Part No. - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
More results

Similar Description - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
   Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
   Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with an Embedded Hub
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com