Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43USB353M Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT43USB353M_04 Datasheet HTML 29Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 30Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 31Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 32Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 33Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 34Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 35Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 36Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
33
AT43USB353M
3307B–USB–4/04
Stack Pointer Register – SP
The Stack Pointer points to the data SRAM stack area where the Subroutine and Interrupt
Stacks are located. This Stack space in the data SRAM must be defined by the program
before any subroutine calls are executed or interrupts are enabled. The stack pointer must be
set to point above $60. The Stack Pointer is decremented by one when data is pushed onto
the Stack with the PUSH instruction, and it is decremented by two when an address is pushed
onto the Stack with subroutine calls and interrupts. The Stack Pointer is incremented by one
when data is popped from the Stack with the POP instruction and it is incremented by two
when an address is popped from the Stack with return from subroutine RET or return from
interrupt RETI.
Sleep Modes
To enter the sleep modes, the SE bit in MCUCR must be set (one) and a SLEEP instruction
must be executed. If an enabled interrupt occurs while the MCU is in a sleep mode, the MCU
awakes, executes the interrupt routine, and resumes execution from the instruction following
SLEEP. The contents of the register file, SRAM and I/O memory are unaltered. If a reset
occurs during sleep mode, the MCU wakes up and executes from the Reset vector.
Power Down Mode
When the SM bit is set (one), the SLEEP instruction forces the MCU into the Power Down
Mode. In this mode, the external oscillator is stopped, while the external interrupts continue
operating. Only an external reset, an external level interrupt on INT0 or INT1, can wake up the
MCU.
Note that when a level triggered interrupt is used for wake-up from power down, the low level
must be held for a time longer than the reset delay time-out period tTOUT. Otherwise, the MCU
will fail to wake up.
Bit
15
14
13
12
11
10
9
8
$3E ($5E)
I
T
H
S
V
N
Z
C
SPH
$3D ($5D)
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SPL
76
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
00
0
0
0
0
0
0


Similar Part No. - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
More results

Similar Description - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
   Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
   Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with an Embedded Hub
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com