Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43USB353M Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT43USB353M_04 Datasheet HTML 69Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 70Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 71Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 72Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 73Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 74Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 75Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 76Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
73
AT43USB353M
3307B–USB–4/04
Hub General Registers
Global State Register – GLB_STATE
• Bit 7...5
Reserved Bits
These bits are reserved in the AT43USB353M and will read as zeros.
•Bit 4
SUSP FLG: Suspend Flag
This bit is set to 1 while the USB hardware is in the suspended state. This bit is a firmware
read only bit. It is set and cleared by the USB hardware.
•Bit 3
RESUME FLGL Resume Flag
When the USB hardware receives a resume signal from the upstream device it sets this bit.
This bit will stay set until the USB hardware completes the downstream resume signaling. This
bit is a firmware read only bit. It is set and cleared by the USB hardware.
•Bit 2
RMWUPE: Remote Wakeup Enable
This bit is set if the host enables the hub's remote wakeup feature.
•Bit 1
CONFG: Configured
This bit is set by firmware after a valid SET_CONFIGURATION request is received. It is
cleared by a reset or by a SET_CONFIGURATION with a value of 0.
•Bit 0
HADD EN: Hub Address Enabled
This bit is set by firmware after the status phase of a SET_ADDRESS request transaction so
the hub will use the new address starting at the next transaction.
Bit
7
6
5
4
3
2
1
0
$1FFB
SUSP FLG
RESUME FLG
RMWUPE
CONFG
HADD EN
GLB_STATE
Read/Write
R
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0


Similar Part No. - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
More results

Similar Description - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
   Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
   Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with an Embedded Hub
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com