Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43USB353M Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT43USB353M_04 Datasheet HTML 3Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 4Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 5Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 6Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 7Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 8Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 9Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 10Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
7
AT43USB353M
3307B–USB–4/04
As shown in Table 2, each register is also assigned a data memory address, mapping them
directly into the first 32 locations of the user Data Space. Although not being physically imple-
mented as SRAM locations, this memory organization provides great flexibility in access of the
registers, as the X-, Y-, and Z-registers can be set to index any register in the file.
X-, Y- and Z-
Registers
Registers R26..R31 contain some added functions to their general-purpose usage. These reg-
isters are address pointers for indirect addressing of the Data Space. The three indirect
address registers X, Y, and Z are defined as:
In the different addressing modes these address registers have functions as fixed displace-
ment, automatic increment and decrement (see the descriptions for the different instructions).
ALU – Arithmetic
Logic Unit
The high-performance AVR ALU operates in direct connection with all 32 general-purpose
working registers. Within a single clock cycle, ALU operations between registers in the register
file are executed. The ALU operations are divided into three main categories – arithmetic, log-
ical and bit-functions.
Program Memory
The AT43USB353M contains 24K bytes on-chip masked programmable ROM program mem-
ory. Since all instructions are 16- or 32-bit words, the program memory is organized as 12K x
16. The AT43USB353M Program Counter (PC) is 14 bits wide, thus addressing the 12,288
program memory addresses.
Constant tables can be allocated within the entire program memory address space (see the
LPM - Load Program Memory instruction description).
Where the functions overlap, the AT43USB353M and the AT43USB355 are binary compati-
ble. A firmware written for the AT43USB355 will work unaltered on the AT43USB353M as long
as the functions are supported by the AT43USB353M. The only functional difference between
the two devices are listed in Table 3.
X-register
15
XH
XL
0
70
7
0
R27 ($1B)
R26 ($1A)
Y-register
15
YH
YL
0
70
7
0
R29 ($1D)
R28 ($1C)
Z-register
15
ZH
ZL
0
70
7
0
R30 ($1F)
R31 ($1E)


Similar Part No. - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
More results

Similar Description - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
   Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
   Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with an Embedded Hub
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com