Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43USB353M Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT43USB353M_04 Datasheet HTML 62Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 63Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 64Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 65Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 66Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 67Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 68Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 69Page - ATMEL Corporation AT43USB353M_04 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 95 page
background image
66
AT43USB353M
3307B–USB–4/04
Identifies DATA0 or DATA1 packets. This bit will automatically toggle and requires clearing by
the firmware only in certain special circumstances.
• Bit 2 – EPDIR: End-point Direction
0 = Out
1 = In
• Bit 1, 0 – EPTYPE: End-point Type
These bits programs the type of end-point.
Hub End-point 0 Data Register – HDR0
Function End-point 0..3 Data Register – FDR0..3
This register is used to read data from or to write data to the Hub End-point 0 FIFO.
• Bit 7..0 – FDAT7..0: FIFO Data
Hub End-point 1 has a single byte data register instead of a FIFO. This data register contains
the hub and port status change bitmap. This data register is automatically updated by the USB
hardware and is not accessible by the firmware. The bits in this register when read by the host
will be:
• Bit 7...4 – Reserved
These bits are reserved in the AT43USB353M and will read as zero.
• Bit 3 – P3 SC: Port 3 Status Change
• Bit 2 – P2 SC: Port 2 Status Change
• Bit 1 – P1 SC: Port 1 Status Change
• Bit 0 – H SC: Hub Status Change
Bit1
Bit0
Type
0
1
Isochronous
10
Bulk
1
1
Interrupt
Bit
7
654
3
2
1
0
$1FD7
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
HDR0
$1FD5
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
FDR0
$1FD4
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
FDR1
$1FD3
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
FDR2
$1FD2
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
FDR3
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$
P3 SC
P2 SC
P1 SC
H SC
HDR1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0


Similar Part No. - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
More results

Similar Description - AT43USB353M_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
   Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
   Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with an Embedded Hub
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com