Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43USB355 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 61Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 62Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 63Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 64Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 65Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 66Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 67Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 68Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 115 page
background image
65
AT43USB355
2603G–USB–04/06
ADC Data Register – ADCL and ADCH
When an ADC conversion is complete, the result is found in these two registers. In Free Run
Mode, it is essential that both registers are read, and that ADCL is read before ADCH.
Scanning Multiple
Channels
Since change of analog channels is always delayed until a conversion is finished, the Free
Run Mode can be used to scan multiple channels without interrupting the converter. Typically,
the ADC Conversion Complete interrupt will be used to perform the channel shift. However,
the user should take the following fact into consideration:
The interrupt triggers once the result is ready to be read. In Free Run Mode, the next conver-
sion will start immediately when the interrupt triggers. If ADMUX is changed after the interrupt
triggers, the next conversion has already started and the old setting is used.
Table 23. ADC Prescaler Selections
ADPS2
ADPS1
ADPS0
Division Factor
0002
0012
0104
0118
100
16
101
32
110
64
111
128
Bit
7
6
5
4
3
2
1
0
$03 ($23)
ADC9
ADC8
ADCH
$24 ($44)
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
ADCL
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0


Similar Part No. - AT43USB355_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
More results

Similar Description - AT43USB355_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
   Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with an Embedded Hub
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
   Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
   Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com