Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA644_0702 Datasheet(PDF) 100 Page - ATMEL Corporation

Part # ATMEGA644_0702
Description  8-bit Microcontroller with 64K Bytes In- System Programmable Flash
Download  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA644_0702 Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button ATMEGA644_0702 Datasheet HTML 96Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 97Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 98Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 99Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 100Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 101Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 102Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 103Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 374 page
background image
100
2593L–AVR–02/07
ATmega644
13.8
8-bit Timer/Counter Register Description
13.8.1
TCCR0A – Timer/Counter Control Register A
• Bits 7:6 – COM0A1:0: Compare Match Output A Mode
These bits control the Output Compare pin (OC0A) behavior. If one or both of the COM0A1:0
bits are set, the OC0A output overrides the normal port functionality of the I/O pin it is connected
to. However, note that the Data Direction Register (DDR) bit corresponding to the OC0A pin
must be set in order to enable the output driver.
When OC0A is connected to the pin, the function of the COM0A1:0 bits depends on the
WGM02:0 bit setting. Table 13-2 shows the COM0A1:0 bit functionality when the WGM02:0 bits
are set to a normal or CTC mode (non-PWM).
Table 13-3 shows the COM0A1:0 bit functionality when the WGM01:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at BOTTOM. See ”Fast PWM Mode” on
page 95 for more details.
Bit
7
6
5
4
3
210
0x24 (0x44)
COM0A1
COM0A0
COM0B1
COM0B0
WGM01
WGM00
TCCR0A
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 13-2.
Compare Output Mode, non-PWM Mode
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
0
1
Toggle OC0A on Compare Match
1
0
Clear OC0A on Compare Match
1
1
Set OC0A on Compare Match
Table 13-3.
Compare Output Mode, Fast PWM Mode
(1)
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
01
WGM02 = 0: Normal Port Operation, OC0A Disconnected.
WGM02 = 1: Toggle OC0A on Compare Match.
10
Clear OC0A on Compare Match, set OC0A at BOTTOM
(non-inverting mode)
11
Set OC0A on Compare Match, clear OC0A at BOTTOM
(inverting mode)


Similar Part No. - ATMEGA644_0702

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA644_0702

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com