Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA644_0702 Datasheet(PDF) 90 Page - ATMEL Corporation

Part # ATMEGA644_0702
Description  8-bit Microcontroller with 64K Bytes In- System Programmable Flash
Download  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA644_0702 Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button ATMEGA644_0702 Datasheet HTML 86Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 87Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 88Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 89Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 90Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 91Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 92Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 93Page - ATMEL Corporation ATMEGA644_0702 Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 374 page
background image
90
2593L–AVR–02/07
ATmega644
The double buffered Output Compare Registers (OCR0A and OCR0B) are compared with the
Timer/Counter value at all times. The result of the compare can be used by the Waveform Gen-
erator to generate a PWM or variable frequency output on the Output Compare pins (OC0A and
OC0B). See Section “13.4” on page 91. for details. The Compare Match event will also set the
Compare Flag (OCF0A or OCF0B) which can be used to generate an Output Compare interrupt
request.
13.1.2
Definitions
Many register and bit references in this section are written in general form. A lower case “n”
replaces the Timer/Counter number, in this case 0. A lower case “x” replaces the Output Com-
pare Unit, in this case Compare Unit A or Compare Unit B. However, when using the register or
bit defines in a program, the precise form must be used, i.e., TCNT0 for accessing
Timer/Counter0 counter value and so on.
The definitions in Table 13-1 are also used extensively throughout the document.
13.2
Timer/Counter Clock Sources
The Timer/Counter can be clocked by an internal or an external clock source. The clock source
is selected by the Clock Select logic which is controlled by the Clock Select (CS02:0) bits
located in the Timer/Counter Control Register (TCCR0B). For details on clock sources and pres-
caler, see ”Timer/Counter Prescaler” on page 154.
13.3
Counter Unit
The main part of the 8-bit Timer/Counter is the programmable bi-directional counter unit. Figure
13-2 shows a block diagram of the counter and its surroundings.
Figure 13-2. Counter Unit Block Diagram
Signal description (internal signals):
count
Increment or decrement TCNT0 by 1.
direction
Select between increment and decrement.
Table 13-1.
Definitions
BOTTOM
The counter reaches the BOTTOM when it becomes 0x00.
MAX
The counter reaches its MAXimum when it becomes 0xFF (decimal 255).
TOP
The counter reaches the TOP when it becomes equal to the highest value in the
count sequence. The TOP value can be assigned to be the fixed value 0xFF
(MAX) or the value stored in the OCR0A Register. The assignment is depen-
dent on the mode of operation.
DATA BUS
TCNTn
Control Logic
count
TOVn
(Int.Req.)
Clock Select
top
Tn
Edge
Detector
( From Prescaler )
clk
Tn
bottom
direction
clear


Similar Part No. - ATMEGA644_0702

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA644_0702

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com