Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCV4279 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCV4279
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCV4279 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCV4279
http://onsemi.com
3
MAXIMUM RATINGS (TJ = −40°C to 150°C)
Parameter
Symbol
Min
Max
Unit
Input to Regulator
VI
II
−40
Internally Limited
45
Internally Limited
V
Input Peak Transient Voltage
VI
60
V
Sense Input
VSI
ISI
−40
−1
45
1
V
mA
Reset Threshold Adjust
VRADJ
IRADJ
−0.3
−10
7
10
V
mA
Reset Delay
VD
ID
−0.3
Internally Limited
7
Internally Limited
V
Ground
Iq
50
mA
Reset Output
VRO
IRO
−0.3
Internally Limited
7
Internally Limited
V
Sense Output
VSO
ISO
−0.3
Internally Limited
7
Internally Limited
V
Regulated Output
VQ
IQ
−0.5
−10
7.0
V
mA
Junction Temperature
Storage Temperature
TJ
TSTG
−50
150
150
°C
°C
Input Voltage Operating Range
Junction Temperature Operating Range
VI
TJ
−40
45
150
V
°C
Junction−to−Ambient Thermal Resistance
SO−8
SO−14
RqJA
200
70
k/W
Junction−to−Pin 4, all GND Pins Grounded.
SO−14
RqJP
30
k/W
Lead Temperature Soldering and MSL
Parameter
Symbol
Value
Unit
MSL, 8−Lead, 14−Lead, LS Temperature 260
°C Peak (Notes 3, 4)
MSL
1
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series incorporates ESD protection and exceeds the following ratings:
Human Body Model (HBM)
≤ 2.0 kV per JEDEC standard: JESD22–A114.
Machine Model (MM)
≤ 200 V per JEDEC standard: JESD22–A115.
2. Latchup Current Maximum Rating:
≤ 150 mA per JEDEC standard: JESD78.
3. Lead free: 60−150 Sec above 217
°C, 40 Sec Max at Peak, 265°C Peak.
4. Leaded; 60−150 Sec above 183
°C, 30 Sec Max at Peak, 240°C Peak.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn