Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25F4096 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25F4096
Description  4Mbit High Speed SPI Serial Flash Memory
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F4096 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25F4096_06 Datasheet HTML 4Page - ATMEL Corporation AT25F4096_06 Datasheet HTML 5Page - ATMEL Corporation AT25F4096_06 Datasheet HTML 6Page - ATMEL Corporation AT25F4096_06 Datasheet HTML 7Page - ATMEL Corporation AT25F4096_06 Datasheet HTML 8Page - ATMEL Corporation AT25F4096_06 Datasheet HTML 9Page - ATMEL Corporation AT25F4096_06 Datasheet HTML 10Page - ATMEL Corporation AT25F4096_06 Datasheet HTML 11Page - ATMEL Corporation AT25F4096_06 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Table 7. Read Status Register Bit Definition
Bit 0 (RDY)
Bit 0 = “0” (RDY) indicates the device is READY. Bit 0 = “1” indicates the
write cycle is in progress.
Bit 1 (WEN)
Bit 1 = “0” indicates the device is not WRITE ENABLED. Bit 1 = “1”
indicates the device is WRITE ENABLED.
Bit 2 (BP0)
See Table 8.
Bit 3 (BP1)
See Table 8.
Bit 4 (BP2)
See Table 8.
Bits 5-6 are 0s when device is not in an internal write cycle.
Bit 7 (WPEN)
See Table 9.
Bits 0-7 are 1s during an internal write cycle.
8
AT25F4096
2454G–SFLSH–5/06
READ PRODUCT ID (RDID): The RDID instruction allows the user to read the manufac-
turer and product ID of the device. The first byte after the instruction will be the
manufacturer code (1FH = ATMEL), followed by the device code 64H.
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select
one of five levels of protection for the AT25F4096. The AT25F4096 is divided into eight
sectors where the top 1/8, top quarter (1/4), top half (1/2), or all of the memory sectors
can be protected (locked out) from write. Any of the locked-out sectors will therefore be
read only. The locked-out sector and the corresponding status register control bits are
shown in Table 8 on page 8.
The four bits, BP0, BP1, BP2 and WPEN, are nonvolatile cells that have the same prop-
erties and functions as the regular memory cells (e.g., WREN, t
WC, RDSR).
Note:
1. x = don’t care
The WRSR instruction also allows the user to enable or disable the write protect (WP)
pin through the use of the write protect enable (WPEN) bit. Hardware write protection is
enabled when the WP pin is low and the WPEN bit is “1”. Hardware write protection is
disabled when either the WP pin is high or the WPEN bit is “0.” When the device is hard-
ware write protected, writes to the status register, including the block protect bits and the
WPEN bit, and the locked-out sectors in the memory array are disabled. Write is only
allowed to sectors of the memory which are not locked out. The WRSR instruction is
self-timed to automatically erase and program BP0, BP1, BP2 and WPEN bits. In order
Bit
Definition
Table 8. Block Write Protect Bits
Level
Status Register Bits
AT25F4096
BP2
BP1
BP0
Array Addresses
Locked Out
Locked-out Sector(s)
0(none)
0
0
0
None
None
1(1/8)
0
0
1
070000 - 07FFFF
Sector 8
2(1/4)
0
1
0
060000 - 07FFFF
Sector 7, 8
3(1/2)
0
1
1
040000 - 07FFFF
Sector 5, 6, 7, 8
4(all)
1
x
x
000000 - 07FFFF
All sectors
(1 - 8)


Similar Part No. - AT25F4096_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F4096W-10SU-2.7 ATMEL-AT25F4096W-10SU-2.7 Datasheet
341Kb / 17P
   SPI SERIAL MEMORY 4M
AT25F4096 ATMEL-AT25F4096_14 Datasheet
358Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
More results

Similar Description - AT25F4096_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
logo
AMIC Technology
A25L040A AMICC-A25L040A Datasheet
653Kb / 45P
   4Mbit Low Voltage, Serial Flash Memory
A25P040 AMICC-A25P040 Datasheet
652Kb / 45P
   4Mbit Low Voltage, Serial Flash Memory
A25L040 AMICC-A25L040_15 Datasheet
523Kb / 39P
   4Mbit Low Voltage, Serial Flash Memory
logo
Sharp Corporation
LHF04C10 SHARP-LHF04C10 Datasheet
3Mb / 48P
   4Mbit Flash Memory
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
   Minimum SPI Serial Flash Memory
AT25DF161 ETC2-AT25DF161_13 Datasheet
3Mb / 52P
   Minimum SPI Serial Flash Memory
AT25DF081 ETC2-AT25DF081_13 Datasheet
967Kb / 38P
   Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
   Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com