Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNL05 Datasheet(PDF) 7 Page - C&D Technologies

Part # NNL05
Description  Non-Isolated DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NNL05 Datasheet(HTML) 7 Page - C&D Technologies

Back Button NNL05 Datasheet HTML 2Page - C&D Technologies NNL05 Datasheet HTML 3Page - C&D Technologies NNL05 Datasheet HTML 4Page - C&D Technologies NNL05 Datasheet HTML 5Page - C&D Technologies NNL05 Datasheet HTML 6Page - C&D Technologies NNL05 Datasheet HTML 7Page - C&D Technologies NNL05 Datasheet HTML 8Page - C&D Technologies NNL05 Datasheet HTML 9Page - C&D Technologies NNL05 Datasheet HTML 10Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NNL05 Series
Non-Isolated DC/DC Converters
KDC_NNL05C.D02 Page 7 of 0
www.cd4power.com
CHARACTERISTIC GRAPHS (NNL05-9C)
TYPICAL OUTPUT RIPPLE & NOISE
TYPICAL OUTPUT RIPPLE & NOISE
VIN = 5.0VDC VOUT = 3.3V IOUT = 5.0A
VIN = 5.0VDC VOUT = 0.75V IOUT = 5.0A
TYPICAL START-UP FROM APPLICATION OF VIN
TYPICAL START-UP USING REMOTE ON/OFF
MTTF
MTTF figures calculated by MIL-HDBK-27F ground benign. Ambient temperature 25°C, airflow 200LFM.
Conditions
MTTF (Hrs)
NNL05-9C
VIN = 5.5V, VOUT = 3.3V
995057
NNL05-0C
VIN = 2.0V, VOUT = 5.0V
420454


Similar Part No. - NNL05

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05 Datasheet
2Mb / 9P
   NON-ISOLATED DC DC CONVERTERS
NNL05-10 CANDD-NNL05-10 Datasheet
2Mb / 9P
   NON-ISOLATED DC DC CONVERTERS
logo
Murata Manufacturing Co...
NNL05-10C MURATA-NNL05-10C Datasheet
1Mb / 10P
   Non-Isolated DC/DC Converters
NNL05-10C MURATA-NNL05-10C Datasheet
1Mb / 10P
   Non-Isolated DC/DC Converters
logo
C&D Technologies
NNL05-9 CANDD-NNL05-9 Datasheet
2Mb / 9P
   NON-ISOLATED DC DC CONVERTERS
More results

Similar Description - NNL05

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com