Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3000 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HSDL-3000
Description  IrDA Data Compliant 115.2 kbps Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3000 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3000 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
2.1 Recommended Metal Solder
Stencil Aperture
It is recommended that only
0.152 mm (0.006 inches) or
0.127 mm (0.005 inches) thick
stencil be used for solder paste
printing. This is to ensure ad-
equate printed solder paste vol-
ume and no shorting. The
following combination of metal
stencil aperture and metal stencil
thickness should be used:
See Fig. 4.
t, Nominal Stencil Thickness
l, Length of Aperture
mm
inches
mm
inches
0.152
0.006
2.3
± 0.05
0.091
± 0.002
0.127
0.005
2.75
± 0.05
0.108
± 0.002
w, the width of aperture, is fixed at 0.85 mm (0.034 inches).
Aperture opening for shield pad is 3.05 mm x 1.1 mm as per land dimension.
Figure 4. Solder paste stencil aperture.
APERTURES AS PER
LAND DIMENSIONS
l
w
t (STENCIL THICKNESS)
SOLDER PASTE


Similar Part No. - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3000#007 LITEON-HSDL-3000#007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3000#017 LITEON-HSDL-3000#017 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-007 HP-HSDL-3000-007 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000-017 HP-HSDL-3000-017 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
More results

Similar Description - HSDL-3000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
   115.2 kbps infrared transceiver module
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com