Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89S52-24SC Datasheet(PDF) 34 Page - ATMEL Corporation

Part No. AT89S52-24SC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89S52-24SC Datasheet(HTML) 34 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
34
1919C–MICRO–3/05
AT89S52
38. Ordering Information
38.1
Standard Package
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
24
4.0V to 5.5V
AT89S52-24AC
AT89S52-24JC
AT89S52-24PC
AT89S52-24SC
44A
44J
40P6
42PS6
Commercial
(0
°C to 70°C)
AT89S52-24AI
AT89S52-24JI
AT89S52-24PI
AT89S52-24SI
44A
44J
40P6
42PS6
Industrial
(-40
°C to 85°C)
33
4.5V to 5.5V
AT89S52-33AC
AT89S52-33JC
AT89S52-33PC
AT89S52-33SC
44A
44J
40P6
42PS6
Commercial
(0
°C to 70°C)
38.2
Green Package Option (Pb/Halide-free)
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
24
4.0V to 5.5V
AT89S52-24AU
AT89S52-24JU
AT89S52-24PU
44A
44J
40P6
Industrial
(-40
°C to 85°C)
Package Type
44A
44-lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44-lead, Plastic J-leaded Chip Carrier (PLCC)
40P6
40-pin, 0.600" Wide, Plastic Dual Inline Package (PDIP)
42PS6
42-pin, 0.600" Wide, Plastic Dual Inline Package (PDIP)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn