Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89S52-24SC Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT89S52-24SC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52-24SC Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT89S52-24SC Datasheet HTML 23Page - ATMEL Corporation AT89S52-24SC Datasheet HTML 24Page - ATMEL Corporation AT89S52-24SC Datasheet HTML 25Page - ATMEL Corporation AT89S52-24SC Datasheet HTML 26Page - ATMEL Corporation AT89S52-24SC Datasheet HTML 27Page - ATMEL Corporation AT89S52-24SC Datasheet HTML 28Page - ATMEL Corporation AT89S52-24SC Datasheet HTML 29Page - ATMEL Corporation AT89S52-24SC Datasheet HTML 30Page - ATMEL Corporation AT89S52-24SC Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
27
1919C–MICRO–3/05
AT89S52
Note:
1. B1 = 0, B2 = 0 ---> Mode 1, no lock protection
B1 = 0, B2 = 1 ---> Mode 2, lock bit 1 activated
B1 = 1, B2 = 0 ---> Mode 3, lock bit 2 activated
B1 = 1, B2 = 1 ---> Mode 4, lock bit 3 activated
After Reset signal is high, SCK should be low for at least 64 system clocks before it goes high to
clock in the enable data bytes. No pulsing of Reset signal is necessary. SCK should be no faster
than 1/16 of the system clock at XTAL1.
For Page Read/Write, the data always starts from byte 0 to 255. After the command byte and
upper address byte are latched, each byte thereafter is treated as data until all 256 bytes are
shifted in/out. Then the next instruction will be ready to be decoded.
Table 24-1.
Serial Programming Instruction Set
Instruction
Instruction
Format
Operation
Byte 1
Byte 2
Byte 3
Byte 4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
0110 1001
(Output on
MISO)
Enable Serial Programming
while RST is high
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase Flash memory
array
Read Program Memory
(Byte Mode)
0010 0000
xxx
Read data from Program
memory in the byte mode
Write Program Memory
(Byte Mode)
0100 0000
xxx
Write data to Program
memory in the byte mode
Write Lock Bits
(1)
1010 1100
1110 00
xxxx xxxx
xxxx xxxx
Write Lock bits. See Note (1).
Read Lock Bits
0010 0100
xxxx xxxx
xxxx xxxx
xxx
xx
Read back current status of
the lock bits (a programmed
lock bit reads back as a “1”)
Read Signature Bytes
0010 1000
xxx
xxx xxx0
Signature Byte
Read Signature Byte
Read Program Memory
(Page Mode)
0011 0000
xxx
Byte 0
Byte 1...
Byte 255
Read data from Program
memory in the Page Mode
(256 bytes)
Write Program Memory
(Page Mode)
0101 0000
xxx
Byte 0
Byte 1...
Byte 255
Write data to Program
memory in the Page Mode
(256 bytes)
} Eachofthelockbitmodesneedstobeactivatedsequentially
before Mode 4 can be executed.


Similar Part No. - AT89S52-24SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S52-24AC ATMEL-AT89S52-24AC Datasheet
233Kb / 30P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52-24AI ATMEL-AT89S52-24AI Datasheet
233Kb / 30P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52-24AU ATMEL-AT89S52-24AU Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52-24JC ATMEL-AT89S52-24JC Datasheet
233Kb / 30P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52-24JI ATMEL-AT89S52-24JI Datasheet
233Kb / 30P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - AT89S52-24SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com