Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89S52-24SC Datasheet(PDF) 25 Page - ATMEL Corporation

Part No. AT89S52-24SC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89S52-24SC Datasheet(HTML) 25 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25
1919C–MICRO–3/05
AT89S52
Figure 23-1. Flash Programming and Verification Waveforms – Parallel Mode
23. Flash Programming and Verification Characteristics (Parallel Mode)
T
A = 20°C to 30°C, VCC = 4.5 to 5.5V
Symbol
Parameter
Min
Max
Units
V
PP
Programming Supply Voltage
11.5
12.5
V
I
PP
Programming Supply Current
10
mA
ICC
VCC Supply Current
30
mA
1/t
CLCL
Oscillator Frequency
3
33
MHz
t
AVGL
Address Setup to PROG Low
48 t
CLCL
tGHAX
Address Hold After PROG
48 tCLCL
t
DVGL
Data Setup to PROG Low
48 t
CLCL
t
GHDX
Data Hold After PROG
48 t
CLCL
tEHSH
P2.7 (ENABLE) High to VPP
48 tCLCL
t
SHGL
V
PP Setup to PROG Low
10
µs
t
GHSL
V
PP Hold After PROG
10
µs
tGLGH
PROG Width
0.2
1
µs
t
AVQV
Address to Data Valid
48 t
CLCL
t
ELQV
ENABLE Low to Data Valid
48 t
CLCL
tEHQZ
Data Float After ENABLE
0
48 tCLCL
t
GHBL
PROG High to BUSY Low
1.0
µs
t
WC
Byte Write Cycle Time
50
µs
t
GLGH
t
GHSL
t
AVGL
t
SHGL
t
DVGL
t
GHAX
t
AVQV
t
GHDX
t
EHSH
t
ELQV
t
WC
BUSY
READY
t
GHBL
t
EHQZ
P1.0 - P1.7
P2.0 - P2.4
ALE/PROG
PORT 0
LOGIC 1
LOGIC 0
EA/V
PP
V
PP
P2.7
(ENABLE)
P3.0
(RDY/BSY)
PROGRAMMING
ADDRESS
VERIFICATION
ADDRESS
DATA IN
DATA OUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn