Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89S52-24SC Datasheet(PDF) 24 Page - ATMEL Corporation

Part No. AT89S52-24SC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89S52-24SC Datasheet(HTML) 24 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
1919C–MICRO–3/05
AT89S52
Figure 22-1. Programming the Flash Memory (Parallel Mode)
Figure 22-2. Verifying the Flash Memory (Parallel Mode)
P1.0-P1.7
P2.6
P3.6
P2.0 - P2.4
A0 - A7
ADDR.
0000H/1FFFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-33 MHz
P0
V
P2.7
PGM
DATA
PROG
V/V
IH
PP
V
IH
ALE
P3.7
XTAL2
EA
RST
PSEN
XTAL1
GND
V
CC
AT89S52
P3.3
P3.0
RDY/
BSY
A8 - A12
CC
P1.0-P1.7
P2.6
P3.6
P2.0 - P2.4
A0 - A7
ADDR.
0000H/1FFFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-33 MHz
P0
P2.7
PGM DATA
(USE 10K
PULLUPS)
V
IH
V
IH
ALE
P3.7
XTAL 2
EA
RST
PSEN
XTAL1
GND
V
CC
AT89S52
P3.3
A8 - A12
V
CC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn