Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89S52-24SC Datasheet(PDF) 11 Page - ATMEL Corporation

Part No. AT89S52-24SC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89S52-24SC Datasheet(HTML) 11 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
1919C–MICRO–3/05
AT89S52
WDT overflows, it will generate an output RESET pulse at the RST pin. The RESET pulse dura-
tion is 98xTOSC, where TOSC = 1/FOSC. To make the best use of the WDT, it should be
serviced in those sections of code that will periodically be executed within the time required to
prevent a WDT reset.
7.2
WDT During Power-down and Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in Power-
down mode, the user does not need to service the WDT. There are two methods of exiting
Power-down mode: by a hardware reset or via a level-activated external interrupt which is
enabled prior to entering Power-down mode. When Power-down is exited with hardware reset,
servicing the WDT should occur as it normally does whenever the AT89S52 is reset. Exiting
Power-down with an interrupt is significantly different. The interrupt is held low long enough for
the oscillator to stabilize. When the interrupt is brought high, the interrupt is serviced. To prevent
the WDT from resetting the device while the interrupt pin is held low, the WDT is not started until
the interrupt is pulled high. It is suggested that the WDT be reset during the interrupt service for
the interrupt used to exit Power-down mode.
To ensure that the WDT does not overflow within a few states of exiting Power-down, it is best to
reset the WDT just before entering Power-down mode.
Before going into the IDLE mode, the WDIDLE bit in SFR AUXR is used to determine whether
the WDT continues to count if enabled. The WDT keeps counting during IDLE (WDIDLE bit = 0)
as the default state. To prevent the WDT from resetting the AT89S52 while in IDLE mode, the
user should always set up a timer that will periodically exit IDLE, service the WDT, and reenter
IDLE mode.
With WDIDLE bit enabled, the WDT will stop to count in IDLE mode and resumes the count
upon exit from IDLE.
8.
UART
The UART in the AT89S52 operates the same way as the UART in the AT89C51 and AT89C52.
For further information on the UART operation, please click on the document link below:
http://www.atmel.com/dyn/resources/prod_documents/DOC4316.PDF
9.
Timer 0 and 1
Timer 0 and Timer 1 in the AT89S52 operate the same way as Timer 0 and Timer 1 in the
AT89C51 and AT89C52. For further information on the timers’ operation, please click on the
document link below:
http://www.atmel.com/dyn/resources/prod_documents/DOC4316.PDF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn