Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89S52-24SC Datasheet(PDF) 9 Page - ATMEL Corporation

Part No. AT89S52-24SC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89S52-24SC Datasheet(HTML) 9 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
1919C–MICRO–3/05
AT89S52
Dual Data Pointer Registers: To facilitate accessing both internal and external data memory, two banks of 16-bit Data
Pointer Registers are provided: DP0 at SFR address locations 82H-83H and DP1 at 84H-85H. Bit DPS = 0 in SFR AUXR1
selects DP0 and DPS = 1 selects DP1. The user should ALWAYS initialize the DPS bit to the appropriate value before
accessing the respective Data Pointer Register.
Power Off Flag: The Power Off Flag (POF) is located at bit 4 (PCON.4) in the PCON SFR. POF is set to “1” during power
up. It can be set and rest under software control and is not affected by reset.
Table 5-3.
AUXR: Auxiliary Register
AUXR
Address = 8EH
Reset Value = XXX00XX0B
Not Bit Addressable
WDIDLE
DISRTO
DISALE
Bit
7
6
5
4
3
2
1
0
Reserved for future expansion
DISALE
Disable/Enable ALE
DISALE
Operating Mode
0
ALE is emitted at a constant rate of 1/6 the oscillator frequency
1
ALE is active only during a MOVX or MOVC instruction
DISRTO
Disable/Enable Reset out
DISRTO
0
Reset pin is driven High after WDT times out
1
Reset pin is input only
WDIDLE
Disable/Enable WDT in IDLE mode
WDIDLE
0
WDT continues to count in IDLE mode
1
WDT halts counting in IDLE mode
Table 5-4.
AUXR1: Auxiliary Register 1
AUXR1
Address = A2H
Reset Value = XXXXXXX0B
Not Bit Addressable
––
DPS
Bit
7
6
5
4
3
2
1
0
Reserved for future expansion
DPS
Data Pointer Register Select
DPS
0
Selects DPTR Registers DP0L, DP0H
1
Selects DPTR Registers DP1L, DP1H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn