Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5389 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5389
Description  8-GE PORT SWITCH WITH INTEGRATED SerDes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5389 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5389 Datasheet HTML 1Page - Broadcom Corporation. BCM5389 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5389
®
8-GE PORT SWITCH WITH INTEGRATED SerDes
8-Gigabit Ethernet Ports for SOHO and Subnetwork Applications
Eighth-generation switch on a chip
Integrates
• One GMII/RGMII/RvMII interface
• Nine MACs (802.x compliant) with support for 9-KB jumbo
frames
• Eight SGMII/SerDes interfaces and 128-KB packet buffer
memory
• Non-blocking 9-Gigabit Ethernet fully integrated switch fabric
• SPI Interface for easy setup and managed operation
Classifies packets using four 802.1p QoS or DiffServ priority
queues
VLAN 4k 802.1Q or port-based support
Supports up to 4k unicast MAC addresses
Supports MAC-based port aggregation (trunking)
Flow control
• Full-duplex (802.3x) and half-duplex options support
Supports automatic address learning and aging
Support for Spanning Tree and Rapid Spanning Tree
Low power 0.13 µm 1.2 V CMOS core: <1.5W Pd.
Fanless operation support
Port-based rate control feature with 64kbps granularity
256-pin FBGA package (small form factor 17 mm x 17 mm)
Enables a new generation of lower-cost switches with Gigabit
Ethernet connectivity and much smaller form factors.
Uses field-proven industry-standard Gigabit Ethernet SerDes
which lowers overall system interoperability and reliability
risks.
Provides the most cost-effective Gigabit Ethernet connectivity
to the desktop and control plane for all remote, branch, and
Enterprise needs.
802.1Q tag VLAN, trunking, and 802.1p priority enables the
switch to be designed into a wide variety of applications from
unmanaged to websmart to managed switch.
Jumbo frame support allows the device to be connected to
corporate server farms and networks while maintaining
maximum TCP/IP performance.
CPUs are not required to initialize and run in cost-sensitive
unmanaged applications, providing true plug-and-play
connectivity.
Suitable for fully managed applications due to support for
Spanning Tree and integration of full MIB counters
SGMII interfaces ensure superior EMI performance and
lowest possible number of required board layers while
enabling connections to industry-standard physical layer
devices (e.g., BCM5464R)
Lowest possible system cost through minimized number of
external components.
Higher system reliability and noise reduction due to
elimination of component with lowest MTBF (the fan).
FE A T UR E S
SU MM AR Y O F B E N E FI TS
Cable/DSL/Wireless
Router
Server
IP Phones
Printer
Uplink
Copper or Fiber


Similar Part No. - BCM5389

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5389IFBG BOARDCOM-BCM5389IFBG Datasheet
314Kb / 2P
   8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5389KFBG BOARDCOM-BCM5389KFBG Datasheet
314Kb / 2P
   8-GE PORT SWITCH WITH INTEGRATED SerDes
More results

Similar Description - BCM5389

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5389KFBG BOARDCOM-BCM5389KFBG Datasheet
314Kb / 2P
   8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5389IFBG BOARDCOM-BCM5389IFBG Datasheet
314Kb / 2P
   8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5396 BOARDCOM-BCM5396 Datasheet
470Kb / 2P
   16-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5396KFBG BOARDCOM-BCM5396KFBG Datasheet
471Kb / 2P
   16-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
   8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5387KFBG BOARDCOM-BCM5387KFBG Datasheet
274Kb / 2P
   5-GbE PORT SWITCH WITH INTEGRATED SerDes
BCM5387 BOARDCOM-BCM5387 Datasheet
286Kb / 2P
   5-GbE PORT SWITCH WITH INTEGRATED SerDes
BCM5388KPB BOARDCOM-BCM5388KPB Datasheet
251Kb / 2P
   8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5384 BOARDCOM-BCM5384_04 Datasheet
221Kb / 2P
   4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5388 BOARDCOM-BCM5388_04 Datasheet
250Kb / 2P
   8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com