Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6602 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATA6602
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
Download  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6602 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATA6602 Datasheet HTML 40Page - ATMEL Corporation ATA6602 Datasheet HTML 41Page - ATMEL Corporation ATA6602 Datasheet HTML 42Page - ATMEL Corporation ATA6602 Datasheet HTML 43Page - ATMEL Corporation ATA6602 Datasheet HTML 44Page - ATMEL Corporation ATA6602 Datasheet HTML 45Page - ATMEL Corporation ATA6602 Datasheet HTML 46Page - ATMEL Corporation ATA6602 Datasheet HTML 47Page - ATMEL Corporation ATA6602 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 362 page
background image
44
4921C–AUTO–01/07
ATA6602/ATA6603
When the write access time has elapsed, the EEPE bit is cleared by hardware. The user
software can poll this bit and wait for a zero before writing the next byte. When EEPE has
been set, the CPU is halted for two cycles before the next instruction is executed.
• Bit 0 – EERE: EEPROM Read Enable
The EEPROM Read Enable Signal EERE is the read strobe to the EEPROM. When the cor-
rect address is set up in the EEAR Register, the EERE bit must be written to a logic one to
trigger the EEPROM read. The EEPROM read access takes one instruction, and the
requested data is available immediately. When the EEPROM is read, the CPU is halted for
four cycles before the next instruction is executed.
The user should poll the EEPE bit before starting the read operation. If a write operation is in
progress, it is neither possible to read the EEPROM, nor to change the EEAR Register.
The calibrated Oscillator is used to time the EEPROM accesses. Table 4-3 lists the typical
programming time for EEPROM access from the CPU.
The following code examples show one assembly and one C function for writing to the
EEPROM. The examples assume that interrupts are controlled (e.g. by disabling interrupts glo-
bally) so that no interrupts will occur during execution of these functions. The examples also
assume that no Flash Boot Loader is present in the software. If such code is present, the
EEPROM write function must also wait for any ongoing SPM command to finish.
Table 4-3.
EEPROM Programming Time
Symbol
Number of Calibrated RC Oscillator Cycles
Typ Programming Time
EEPROM write
(from CPU)
26,368
3.3 ms


Similar Part No. - ATA6602

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
ATA6612C ATMEL-ATA6612C Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612P-PLPW ATMEL-ATA6612P-PLPW Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results

Similar Description - ATA6602

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6614Q ATMEL-ATA6614Q_14 Datasheet
9Mb / 311P
   32K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6617C ATMEL-ATA6617C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616 ATMEL-ATA6616_12 Datasheet
9Mb / 308P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com