Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATA6602 Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. ATA6602
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
Download  362 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6602 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA6602 Datasheet HTML 1Page - ATMEL Corporation ATA6602 Datasheet HTML 2Page - ATMEL Corporation ATA6602 Datasheet HTML 3Page - ATMEL Corporation ATA6602 Datasheet HTML 4Page - ATMEL Corporation ATA6602 Datasheet HTML 5Page - ATMEL Corporation ATA6602 Datasheet HTML 6Page - ATMEL Corporation ATA6602 Datasheet HTML 7Page - ATMEL Corporation ATA6602 Datasheet HTML 8Page - ATMEL Corporation ATA6602 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 362 page
background image
3
4921C–AUTO–01/07
ATA6602/ATA6603
19
RXD
LIN bus receiver output
20
TXD
LIN bus transmitter input
21
NRES
Watchdog and undervoltage reset output
22
WD_OSC
Watchdog oscillator timing-resistor connection
23
TM
Tie to ground – for factory use only
24
MODE
Tie to Ground – for factory use only
25
TEMP
System-basis-chip temperature monitor output
26
PVDD
5V Voltage regulator sense input
27
VDD
5V Voltage regulator output
28
VS
Battery connection
29
EN
LIN-transceiver enable input
30
PTRIG
Watchdog trigger input (positive edge)
31
NTRIG
Watchdog trigger input (negative edge)
32
WAKE
System-basis-chip external wake-up input
33
PD5
Port D 5 I/O line (T1/OC0B/PCINT21)
34
PD6
Port D 6 I/O line (AIN0/OC0A/PCINT22)
35
PD7
Port D 7 I/O line (AIN1/PCINT23)
36
PB0
Port B 0 I/O line (ICP1/CLKO/PCINT0)
37
PB1
Port B 1 I/O line (OC1A/PCINT1)
38
PB2
Port B 2 I/O line (OC1B/SS/PCINT2)
39
PB3
Port B 3 I/O line (MOSI/OC2A/PCINT3)
40
PB4
Port B 4 I/O line (MISO/PCINT4)
41
PB5
Port B 5 I/O line (SCK/PCINT5)
42
AVCC
Microcontroller ADC-unit supply voltage
43
ADC6
ADC input channel 6
44
AREF
Analog reference voltage input
45
GND
Ground
46
ADC7
ADC input channel 7
47
PC0
Port C 0 I/O line (ADC0/PCINT8)
48
PC1
Port C 1 I/O line (ADC1/PCINT9)
Backside
Heat slug is connected to GND
Table 2-1.
Pin Description (Continued)
Pin
Symbol
Function


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn