Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ATA6602 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. ATA6602
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
Download  362 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

ATA6602 Datasheet(HTML) 1 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 362 page
background image
General Features
Single-package Fully-integrated AVR® 8-bit Microcontroller with LIN Transceiver,
5V Regulator and Watchdog
Very Low Current Consumption in Sleep Mode
8 Kbytes/16 Kbytes Flash Memory for Application Program (ATA6602/ATA6603)
Supply Voltage Up to 40V
Operating Voltage: 5V to 18V
Temperature Range: T
case –40°C to +125°C
QFN48, 7 mm
× 7 mm Package
1.
Description
ATA6602/ATA6603 is a single-package dual-chip circuit family for LIN-bus slave node
applications. It supports highly integrated solutions for in-vehicle LIN networks. The
LIN-system-basis-chip (LIN-SBC) consists of a LIN transceiver, voltage regulator and
window watchdog. The second chip is a microcontroller out of Atmel®'s series of AVR
8-bit microcontrollers with advanced RISC architecture.
Figure 1-1.
Application Diagram
MCU
LIN-SBC
LIN Bus
ATA6602/ATA6603
Microcontroller
with LIN
Transceiver,
5V Regulator
and Watchdog
ATA6602/
ATA6603
4921C–AUTO–01/07


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn