Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BCM5324M Datasheet(PDF) 2 Page - Broadcom Corporation.

Part No. BCM5324M
Description  SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

BCM5324M Datasheet(HTML) 2 Page - Broadcom Corporation.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
5324M-PB01-R
04/07/06
Broadcom®, the pulse logo, Connecting everything®, and the Connecting everything logo are among
the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries
and/or the EU. Any other trademarks or trade names mentioned are the property of their respective
owners.
BCM5324M Block Diagram
BCM5324M is designed based on the field-proven industry leader
ROBOSwitch™. This device combines all the functions of a high-speed
switch system including packet buffers, PHY transceivers, media access
controllers, address management, and a non-blocking switch fabric into
a single 0.13
μm CMOS device. It complies with IEEE 802.3
specifications, including the MAC control PAUSE frame and auto-
negotiation subsections, providing interoperability with all industry-
standard Ethernet, Fast Ethernet and Gigabit Ethernet devices.
BCM5324M is the industry first Ethernet to integrate twenty-four full-
duplex 10BASE-T/100BASE-TX/FX Fast Ethernet transceivers. Each
transceiver incorporates the Broadcom PHY Advance Cable Diagnostic
technology, which can detect cable shorts as well as open and measure
the cable length. BCM5324M also supports two GMII/RGMII/TBI
interfaces, providing flexible 10/100/1000BASE-TX and fiber
connectivity.
BCM5324M supports 8K MAC addresses, 4K VLAN addresses and
stores up to 256 multicast addresses including IP multicast. BCM5324M
also supports 802.1d Spanning Tree, 802.1s Multiple STP, 802.1w Rapid
STP, and flexible ingress and egress checking rules for VLAN
processing.
BCM5324M supports up to four CoS queues per egress port, ideal for
delay sensitive multimedia applications. Traffic can be assigned to these
CoS queues based on the Port ID, the MAC address, the 802.1p priority
field in layer 2, the TOS field in IPv4 or the DiffServ field in IPv6
headers. Together with other advanced features, such as 802.1x EAPOL
protocol filtering, Port bandwidth/rate control, MAC address locking
and IGMP snooping at Layer2 and Layer3 allow system vendors to build
advanced L2+ switch systems for the multitenant/multidweller unit
(MDU/MTU) markets.
The BCM5324M family of switches is optimized for WebSmart and L2
managed designs. The new level of integration brings L2 manageable to
SMB switches at an affordable price. Single chip replaces the typical 3-
or 4 chip solutions in the market today.
For Network Management, the BCM5324M includes 70+ on-chip MIB
counters to collect receive and transmit statistics from each port for
supporting the Etherlike MIB, Bridge MIB, MIB II (interfaces) and the
RMON MIB (Groups 1, 2, 3, 9).
Product ordering information:
• BCM5324M (24FE+2G)
• BCM5322M (24FE+2MII)
• BCM5321M (16FE+2G)
• BCM5320M (8FE+2G)
GMII / RGMII / TBI
GMII / RGMII / TBI
MII / RvMII Interface
CPU Interface
Auto MDI / MDIX
Auto MDI / MDIX
Auto MDI / MDIX
Auto MDI / MDIX
LEDs
QoS
Traffic Aggregation
Port Trunking
Secure MAC
Storm Control
3 Mb Shared Buffer
Interface
IGMP Snooping
4K VLAN Table
MIB Counters
8K L2 MAC Table
Rate Control
Internal Osc. Circuit
10/100
PHY 0
10/100
PHY 1
10/100
PHY 2
10/100
PHY 23
SPI / CPU
Interface
MAC
LED
Interface
MAC
MAC
MAC
MAC
GMAC
GMAC
BCM5461
BCM5461


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn