Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BCM5324M Datasheet(PDF) 1 Page - Broadcom Corporation.

Part No. BCM5324M
Description  SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo 

BCM5324M Datasheet(HTML) 1 Page - Broadcom Corporation.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5324M
®
SINGLE-CHIP L2+ MANAGED SWITCH WITH 24 10/100 PORTS + 2 GbE PORTS
Seventh-generation ROBO L2+ 24FE + 2GE switch with two
GMII/RGMII/TBI interfaces
Twenty-four fully integrated 10/100 PHYs with support of
Advanced Cable Diagnostics in the Broadcom PHY technology
QoS packet classification supports four priority queues
Port-based VLAN and 802.1Q VLAN with 4k entries
Supports traffic aggregation via double tagging
Spanning Tree (IEEE 802.1D/1s/1w)
MAC-based trunking with automatic link failover
Port mirroring
IGMP snooping Layer2/3
Over 70 MIB counters for per port management statistics
Up to 24 Static Secure MAC addresses per port
Programmable Broadcast, Multicast, and Unknown Unicast
storm control
Per port bandwidth/rate control
8K MAC addresses with automatic learning and aging
Protected port
Multicast address table for 256 entries
25
th FE port via MII or reversed MII mode for management
MDC/MDIO and SPI interfaces
Internal oscillator simplifies design and reduces cost
JTAG
Embedded 2.5V and 1.2V regulator, typical power
consumption: 3.5W
400-pin PBGA package
The BCM5324M includes:
- 24 10/100 transceivers for TX/FX
- 24 media access controllers
- Two Gigabit media access controllers
- 3 Mb total of packet buffer and control memory
- Non-blocking switch fabric supports up to 24 FE+2 GE
ports
Advanced Cable Diagnostics minimize the need for expensive
cable troubleshooting equipment.
Enables a new generation of lower cost FE switches with the
highest integration of enhanced L2+ features and maximum
connectivity.
Optimized for WebSmart™ managed switch design.
802.1Q VLAN allows segmentation of network into smaller
broadcast domains to preserve bandwidth and increase
network security.
Four flexible Class of Service (CoS) queues per port assures
the lowest latency to high-priority traffic. This enables the
switch to support a wide variety of delay sensitive video and
audio multicast applications.
IEEE 802.3ad link aggregation increases effective bandwidth
and provides redundancy of a link.
IEEE 802.1X Extensive Authentication Protocol over LAN
(EAPOL) plus MAC address locking enhances network port
security.
Storm and bandwidth/rate control provide better traffic
profile management.
Access to all internal registers through SPI or MDC/MDIO
interfaces.
Hardware support for implementing SNMP and RMON.
Low-power consumption and small package allow simple PCB
design.
FE A T UR E S
SU MM AR Y O F B E N E FI TS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn