Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40TTS12 Datasheet(PDF) 5 Page - International Rectifier

Part # 40TTS12
Description  PHASE CONTROL SCR Lead-Free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40TTS12 Datasheet(HTML) 5 Page - International Rectifier

  40TTS12 Datasheet HTML 1Page - International Rectifier 40TTS12 Datasheet HTML 2Page - International Rectifier 40TTS12 Datasheet HTML 3Page - International Rectifier 40TTS12 Datasheet HTML 4Page - International Rectifier 40TTS12 Datasheet HTML 5Page - International Rectifier 40TTS12 Datasheet HTML 6Page - International Rectifier 40TTS12 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
40TTS12PbF SAFE
IR Series
Bulletin I2233 rev. A 11/05
www.irf.com
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - Gate Characteristics
Fig. 9 - Thermal Impedance Z
thJC Characteristics
Instantaneous On-state Voltage (V)
Instantaneous Gate Current (A)
Square Wave Pulse Duration (s)
1
10
100
1000
01
2345
Tj = 25˚C
Tj = 125˚C
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Steady State Value
(DC Operation)
Single Pulse
0.1
1
10
100
0.001
0.01
0.1
1
10
100
(b)
(a)
(4)
(3)
(2)
(1)
Frequency Limited by PG(AV)
IGD
VGD
tr = 1 µs, tp >= 6 µs
<= 30% rated di/dt: 10 V, 65 ohms
b)Recommended load line for
rated di/dt: 10 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
a)Recommended load line for
Rectangular gate pulse
(1) PGM = 40 W, tp = 1 ms
(2) PGM = 20 W, tp = 2 ms
(3) PGM = 8 W, tp = 5 ms
(4) PGM = 4 W, tp = 10 ms


Similar Part No. - 40TTS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40TTS12PBF VISHAY-40TTS12PBF Datasheet
118Kb / 7P
   Phase Control SCR, 40 A
Revision: 24-Apr-08
More results

Similar Description - 40TTS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40TPS16PBF IRF-40TPS16PBF Datasheet
160Kb / 7P
   PHASE CONTROL SCR Lead-Free
30TPS16PBF IRF-30TPS16PBF Datasheet
104Kb / 7P
   PHASE CONTROL SCR Lead-Free
12TTS08PBF IRF-12TTS08PBF Datasheet
171Kb / 7P
   SAFEIR Series PHASE CONTROL SCR Lead-Free (PbF suffix)
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com