Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCV4269 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCV4269
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCV4269 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCV4269
http://onsemi.com
6
Figure 4. Sense Timing Diagram
Sense Input Voltage
VSI,HIGH
VSI,LOW
HIGH
LOW
tPDSOHL
tPDSOLH
t
t
Sense Output Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
3.2
−40
0
40
80
120
160
TJ, (°C)
0
2
4
6
8
10
12
14
16
−40
0
40
80
120
160
Figure 5. Charge Current ID vs. Temperature TJ
Figure 6. Switching Voltage VUD and VLD vs.
Temperature TJ
TJ, (°C)
VI = 13.5 V
VD = 1.0 V
VI = 13.5 V
VUD
VLD
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn