Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCV4269 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCV4269
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCV4269 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCV4269
http://onsemi.com
5
Figure 2. Measuring Circuit
RADJ1
VI
II
IRADJ
IQ
VSI
CD
100 nF
VD
ID
Iq
VRO
VSO
VRADJ
RADJ2
CI
470 nF
1000
mF
ISI
VQ
CQ
22
mF
I
SI
D
GND
RO
SO
RADJ
Q
Figure 3. Reset Timing Diagram
VI
VQ
VD
VLD
VRT
VROSAT
VRO
t
t
t
t
< tRR
tRR
td
Power−on−Reset
Thermal
Shutdown
Voltage Dip
at Input
Undervoltage
Secondary
Spike
Overload
at Output
dV
dt
+
ID
CD
VUD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn