Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2530DTBR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS2530DTBR2G
Description  Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2530DTBR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS2530DTBR2G Datasheet HTML 4Page - ON Semiconductor NCS2530DTBR2G Datasheet HTML 5Page - ON Semiconductor NCS2530DTBR2G Datasheet HTML 6Page - ON Semiconductor NCS2530DTBR2G Datasheet HTML 7Page - ON Semiconductor NCS2530DTBR2G Datasheet HTML 8Page - ON Semiconductor NCS2530DTBR2G Datasheet HTML 9Page - ON Semiconductor NCS2530DTBR2G Datasheet HTML 10Page - ON Semiconductor NCS2530DTBR2G Datasheet HTML 11Page - ON Semiconductor NCS2530DTBR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCS2530, NCS2530A
http://onsemi.com
8
Figure 5. Frequency Response:
Gain (dB) vs. Frequency
Av = +2.0
Figure 6. Frequency Response:
Gain (dB) vs. Frequency
Av = +1.0
Figure 7. Large Signal Frequency Response
Gain (dB) vs. Frequency
Figure 8. Small Signal Frequency Response
Gain (dB) vs. Frequency
Figure 9. Small Signal Step Response
Vertical: 500 mV/div
Horizontal: 10 ns/div
Figure 10. Large Signal Step Response
Vertical: 500 mV/div
Horizontal: 10 ns/div
2
1
−1
−2
−3
−4
−6
10k
1M
10M
1G
FREQUENCY (Hz)
0
−5
3
VS = ±5V
VOUT = 0.5VPP
Gain = +2
RF = 1.2kW
RL = 100W
VS = ±2.5V
VOUT = 0.5VPP
VS = ±2.5V
VOUT = 2.0VPP
VS = ±5V
VOUT = 2.0VPP
VS = ±2.5V
VOUT = 0.7VPP
VS = ±2.5V
VOUT = 0.7VPP
6
3
−3
−6
−12
10k
10M
1G
FREQUENCY (Hz)
0
−9
VS = ±2.5V
VOUT = 1.0VPP
Gain = +1
RF = 1.2kW
RL = 100W
VS = ±5V
VOUT = 1.0VPP
VS = ±2.5V
VOUT = 0.7VPP
VS = ±5V
VOUT = 0.7VPP
VS = ±2.5V
VOUT = 0.5VPP
VS = ±5V
VOUT = 0.5VPP
3
−3
−6
−12
FREQUENCY (Hz)
0
−9
6
VS = ±2.5V
AV = +4
VS = ±2.5V
AV = +1
VS = ±2.5V
AV = +4
VS = ±5V
AV = +4
VS = ±5V
AV = +1
VS = ±5V
AV = +2
VOUT = 0.5VPP
RL = 100W
100k
100M
100k
1M
100M
10k
10M
1G
100k
1M
100M
6
3
−3
−6
−12
FREQUENCY (Hz)
0
−9
VOUT = 2.0VPP
RL = 100W
VS = ±2.5V
AV = +2
VS = ±5V
AV = +2
VS = ±5V
AV = +4
10k
10M
1G
100k
1M
100M
VS = ±2.5V
AV = +4
VS = ±5V
VS = ±5V


Similar Part No. - NCS2530DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2530DTBR2 ONSEMI-NCS2530DTBR2 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
More results

Similar Description - NCS2530DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com