Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA161-4PI Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATMEGA161-4PI
Description  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4PI Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATMEGA161-4PI Datasheet HTML 52Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 53Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 54Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 55Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 56Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 57Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 58Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 59Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 159 page
background image
56
ATmega161(L)
1228D–AVR–02/07
Note:
1. X = A or B
Note that in the PWM mode, the 8, 9 or 10 least significant OCR1A/OCR1B bits
(depends of resolution), when written, are transferred to a temporary location. They are
latched when Timer/Counter1 reaches the value TOP. This prevents the occurrence of
odd-length PWM pulses (glitches) in the event of an unsynchronized OCR1A/OCR1B
write. See Figure 37 and Figure 38 for an example in each mode.
Figure 37. Effects on Unsynchronized OCR1 Latching
(1)
Note:
1. Note: X = A or B
Table 18. Compare1 Mode Select in PWM Mode
(1)
CTC1
COM1X1
COM1X0
Effect on OCX1
0
0
0
Not connected
0
0
1
Not connected
01
0
Cleared on compare match, up-counting. Set on compare
match, down-counting (non-inverted PWM).
01
1
Cleared on compare match, down-counting. Set on compare
match, up-counting (inverted PWM).
1
0
0
Not connected
1
0
1
Not connected
1
1
0
Cleared on compare match, set on overflow.
1
1
1
Set on compare match, cleared on overflow.
Counter Value
Compare Value
PWM Output OC1X
Synchronized
OCR1X Latch
Counter Value
Compare Value
PWM Output OC1X
Unsynchronized
OCR1X Latch
Glitch
Compare Value changes
Compare Value changes


Similar Part No. - ATMEGA161-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA161-4PI ATMEL-ATMEGA161-4PI Datasheet
2Mb / 134P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA161-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com