Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA161-4PI Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATMEGA161-4PI
Description  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4PI Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATMEGA161-4PI Datasheet HTML 82Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 83Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 84Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 85Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 86Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 87Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 88Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 89Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 159 page
background image
86
ATmega161(L)
1228D–AVR–02/07
Figure 49. External Memory with Page Select
Figure 50. External Data Memory Cycles without Wait State (SRWn1 = 0 and SRWn0
=0)
(1)
Note:
1. SRWn1 = SRW11 (upper page) or SRW01 (lower page), SRWn0 = SRW10 (upper
page) or SRW00 (lower page).
The ALE pulse in period T4 is only present if the next instruction accesses the RAM
(internal or external). The Data and Address will only change in T4 if ALE is present
(the next instruction accesses the RAM).
$0000
Data Memory
$0460
External Memory
(0-63K x 8)
$FFFF
Internal memory
SRL[2..0]
SRW11
SRW10
SRW01
SRW00
Lower page
Upper page
System Clock Ø
ALE
WR
RD
Data/Address [7..0]
Data/Address [7..0]
Address [15..8]
Address
Address
Address
T1
T2
T3
XX
Data
Data
T4
XX
XX
XX
XX
Prev. addr.
XX
Prev. data
XX
Prev. data


Similar Part No. - ATMEGA161-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA161-4PI ATMEL-ATMEGA161-4PI Datasheet
2Mb / 134P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA161-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com