Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA161-4PC Datasheet(PDF) 58 Page - ATMEL Corporation

Part # ATMEGA161-4PC
Description  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4PC Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button ATMEGA161-4PC Datasheet HTML 54Page - ATMEL Corporation ATMEGA161-4PC Datasheet HTML 55Page - ATMEL Corporation ATMEGA161-4PC Datasheet HTML 56Page - ATMEL Corporation ATMEGA161-4PC Datasheet HTML 57Page - ATMEL Corporation ATMEGA161-4PC Datasheet HTML 58Page - ATMEL Corporation ATMEGA161-4PC Datasheet HTML 59Page - ATMEL Corporation ATMEGA161-4PC Datasheet HTML 60Page - ATMEL Corporation ATMEGA161-4PC Datasheet HTML 61Page - ATMEL Corporation ATMEGA161-4PC Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 159 page
background image
58
ATmega161(L)
1228D–AVR–02/07
Watchdog Timer
The Watchdog Timer is clocked from a separate On-chip Oscillator that runs at 1 MHz.
This is the typical value at V
CC = 5V. See characterization data for typical values at other
V
CC levels. By controlling the Watchdog Timer prescaler, the Watchdog Reset interval
can be adjusted (see Table 20 for a detailed description). The WDR (Watchdog Reset)
instruction resets the Watchdog Timer. Eight different clock cycle periods can be
selected to determine the reset period. If the reset period expires without another
Watchdog Reset, the ATmega161 resets and executes from the Reset Vector. For tim-
ing details on the Watchdog Reset, refer to page 28.
To prevent unintentional disabling of the Watchdog, a special turn-off sequence must be
followed when the Watchdog is disabled. Refer to the description of the Watchdog Timer
Control Register for details.
Figure 39. Watchdog Timer
Watchdog Timer Control
Register – WDTCR
• Bits 7..5 Res: Reserved Bits
These bits are reserved bits in the ATmega161 and will always read as zero.
•Bit 4 WDTOE: Watchdog Turn-off Enable
This bit must be set (one) when the WDE bit is cleared. Otherwise, the Watchdog will
not be disabled. Once set, hardware will clear this bit to zero after four clock cycles.
Refer to the description of the WDE bit for a Watchdog disable procedure.
•Bit 3 WDE: Watchdog Enable
When the WDE is set (one), the Watchdog Timer is enabled and if the WDE is cleared
(zero), the Watchdog Timer function is disabled. WDE can only be cleared if the
Bit
7
65
43
21
0
$21 ($41)
WDTOE
WDE
WDP2
WDP1
WDP0
WDTCR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0


Similar Part No. - ATMEGA161-4PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA161-4PC ATMEL-ATMEGA161-4PC Datasheet
2Mb / 134P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA161-4PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com