Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5662DS18R4G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5662DS18R4G
Description  Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5662DS18R4G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5662DS18R4G Datasheet HTML 3Page - ON Semiconductor NCP5662DS18R4G Datasheet HTML 4Page - ON Semiconductor NCP5662DS18R4G Datasheet HTML 5Page - ON Semiconductor NCP5662DS18R4G Datasheet HTML 6Page - ON Semiconductor NCP5662DS18R4G Datasheet HTML 7Page - ON Semiconductor NCP5662DS18R4G Datasheet HTML 8Page - ON Semiconductor NCP5662DS18R4G Datasheet HTML 9Page - ON Semiconductor NCP5662DS18R4G Datasheet HTML 10Page - ON Semiconductor NCP5662DS18R4G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NCP5662, NCV5662
http://onsemi.com
7
0
0.5
1.0
1.5
2.0
Iout, OUTPUT CURRENT (A)
1.55
1.53
1.51
1.49
1.47
1.45
Vin = 3.3 V
Iout = 2.0 A maximum
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Vin, INPUT VOLTAGE (V)
Figure 8. 1.5 V Output Voltage vs. Input Voltage
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Iout = 10 mA
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
0
0.5
1.0
1.5
2.0
Iout, OUTPUT CURRENT (A)
3.35
3.33
3.31
3.29
3.27
3.25
Vin = 5.1 V
Iout = 2.0 A maximum
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Vin, INPUT VOLTAGE (V)
Figure 9. 3.3 V Output Voltage vs. Input Voltage
3.0
2.6
2.2
1.8
1.4
1.0
0.6
0.2
0
Iout = 10 mA
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
Figure 10. 1.5 V Output Voltage vs. Output Load
Current
Figure 11. 3.3 V Output Voltage vs. Output Load
Current
1.0
3.4
3.34
3.32
3.30
3.28
3.26
0
10
20
30
40
50
60
70
80
100
0
1.0
10
100
1000
Figure 12. Output Current vs. Input−Output
Voltage Differential
Iout = 1.0 A
Iout = 10 mA
F, FREQUENCY (kHz)
Vin = 4.0 V
Vout = 0.9 V
Cin = 0 mF
Cout = 1.0 mF
TJ = 25°C
90
Figure 13. Ripple Rejection vs. Frequency
INPUT−OUTPUT VOLTAGE DIFFERENTIAL (V)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
TA = 25°C
L = 25 mm Copper
20
16
10
2
014
12
46
8


Similar Part No. - NCP5662DS18R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5662DS18R4G ONSEMI-NCP5662DS18R4G Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
More results

Similar Description - NCP5662DS18R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com