Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5661DT33RKG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5661DT33RKG
Description  Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5661DT33RKG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5661DT33RKG Datasheet HTML 4Page - ON Semiconductor NCP5661DT33RKG Datasheet HTML 5Page - ON Semiconductor NCP5661DT33RKG Datasheet HTML 6Page - ON Semiconductor NCP5661DT33RKG Datasheet HTML 7Page - ON Semiconductor NCP5661DT33RKG Datasheet HTML 8Page - ON Semiconductor NCP5661DT33RKG Datasheet HTML 9Page - ON Semiconductor NCP5661DT33RKG Datasheet HTML 10Page - ON Semiconductor NCP5661DT33RKG Datasheet HTML 11Page - ON Semiconductor NCP5661DT33RKG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP5661, NCV5661
http://onsemi.com
8
Vin = 4.0 V
Vout = 0.9 V
Cin = 150 mF
Cout = 150 mF
TJ = 25°C
Iout = 10 mA to 1.0 A
TIME (1.0
ms/Div)
TIME (1.0
ms/Div)
Vin = 4.0 V
Vout = 0.9 V
Cin = 150 mF
Cout = 150 mF
TJ = 25°C
Iout = 1.0 A to 10 mA
Figure 15. Load Transient Response
Figure 16. Load Transient Response
APPLICATION INFORMATION
The NCP5661 is a high performance low dropout 1.0 A
linear regulator suitable for high power applications,
featuring an ultra−fast response time and low noise without
a bypass capacitor. It is offered in both fixed and adjustable
output versions with voltages as low as 0.9 V. Additional
features, such as Enable and Error Flag (fixed output
version) increase the utility of the NCP5661. It is thermally
robust and includes the safety features necessary during a
fault condition, which provide for an attractive high current
LDO solution for server, ASIC power supplies, networking
equipment applications, and many others.
Input Capacitor
The recommended input capacitor value is a 150
mF
OSCON with an Equivalent Series Resistance (ESR) of
50 m
W. It is especially required if the power source is
located more than a few inches from the NCP5661. This
capacitor will reduce device sensitivity and enhance the
output transient response time. The PCB layout is very
important and in order to obtain the optimal solution, the Vin
and GND traces should be sufficiently wide to minimize
noise and unstable operation.
Output Capacitor
Proper output capacitor selection is required to maintain
stability. The NCP5661 is guaranteed to be stable at an
output capacitance of, Cout > 10 mF with an ESR < 300 mW
over the output current range of 10 mA to 1.0 A. For PCB
layout considerations, place the recommended ceramic
capacitor close to the output pin and keep the leads short.
This should help ensure ultra−fast transient response times.
Adjustable Output Operation
The application circuit for the adjustable output version is
shown in Figure 1. The reference voltage is 0.9 V and the
adjustable pin current is typically 40 nA. A resistor divider
network, R1 and R2, is calculated using the following
formula:
R1
+ R2
Vout
Vref
* 1
Current Limit Operation
As the peak output current increases beyond its limitation,
the device is internally clampled to 1.5 A, thus causing the
output voltage to decrease and go out of regulation. This
allows the device never to exceed the maximum power
dissipation.
Error Flag Operation
The Error Flag pin on the NCP5661 will produce a logic
Low when it drops below the nominal output voltage. Refer
to the electrical characteristics for the threshold values at
which point the Error Flag goes Low. When the NCP5661
is above the nominal output voltage, the Error Flag will
remain at logic High.
The external pullup resistor needs to be connected
between Vin (Pin 1) and the Error Flag pin (Pin 5). A resistor
of approximately 100 k
W is recommended to minimize the
current consumption. No pullup resistor is required if the
Error Flag output is not being used.


Similar Part No. - NCP5661DT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661DT33RKG ONSEMI-NCP5661DT33RKG Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661DT33RKG ONSEMI-NCP5661DT33RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661DT33RKG ONSEMI-NCP5661DT33RKG Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
More results

Similar Description - NCP5661DT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5662 ONSEMI-NCP5662_07 Datasheet
615Kb / 14P
   Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5661 ONSEMI-NCP5661_14 Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com