Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCS2002 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCS2002
Description  Sub−One Volt Rail−to−Rail Operational Amplifier with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCS2002 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to GND, TA = 25°C, unless otherwise noted)
Rating
Symbol
Min
Typ
Max
Unit
Differential Input Resistance (VCM = 0 V)
Rin
>1.0
tera W
Differential Input Capacitance (VCM = 0 V)
Cin
3.0
pf
Equivalent Input Noise Voltage (f = 1.0 kHz)
en
100
nV/ Hz
Gain Bandwidth Product (f = 100 kHz)
VCC = 0.45 V, VEE = −0.45 V
VCC = 1.5 V, VEE = −1.5 V
VCC = 2.5 V, VEE = −2.5 V
GBW
0.6
0.8
0.8
0.9
MHz
Gain Margin (RL = 10 k, CL = 5.0 pf)
Am
6.5
dB
Phase Margin (RL = 10 k, CL = 5.0 pf)
fm
60
Deg
Power Bandwidth (VO = 4.0 VPP, RL = 2.0 k, THD = 1.0 %, AV = 1.0)
BWP
80
kHz
Total Harmonic Distortion (VO = 4.0 VPP, RL = 2.0 k, AV = 1.0)
f = 1.0 kHz
f = 10 kHz
THD
0.008
0.08
%
Slew Rate (VS = $2.5 V, VO = −2.0 V to 2.0 V, RL = 2.0 k, AV = 1.0)
Positive Slope
Negative Slope
SR
0.85
0.85
1.2
1.3
V/ms
Time Delay for Device to Turn On (RL = 10 k)
ton
5.5
7.5
ms
Time Delay for Device to Turn Off (RL = 10 k)
toff
2.5
3.0
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn