Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCS2002 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCS2002
Description  Sub−One Volt Rail−to−Rail Operational Amplifier with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCS2002 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to GND, TA = 25°C, unless otherwise noted)
Rating
Unit
Max
Typ
Min
Symbol
Output Voltage Swing, Low State Output (VID = − 0.5 V)
TA = −40 to +125°C
VCC = 0.45 V, VEE = −0.45 V
RL = 10 k
RL = 2.0 k
VCC = 1.5 V, VEE = −1.5 V
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V
RL = 10 k
RL = 2.0 k
VOL
−0.446
−0.432
−1.497
−1.484
−2.496
−2.481
−0.40
−0.35
−1.45
−1.40
−2.45
−2.40
V
Common Mode Rejection Ratio (Vin = 0 to 5.0 V)
CMRR
60
82
dB
Power Supply Rejection Ratio (VCC = 0.5 V to 2.5 V, VEE = −2.5 V)
PSRR
60
85
dB
Output Short Circuit Current
VCC = 0.45 V, VEE = −0.45 V, VID = $0.4 V
Source Current High Output State
Sink Current Low Output State
VCC = 1.5 V, VEE = −1.5 V, VID = $0.5 V
Source Current High Output State
Sink Current Low Output State
VCC = 2.5 V, VEE = −2.5 V, VID = $0.5 V
Source Current High Output State
Sink Current Low Output State
ISC
0.5
25
65
1.0
−3.0
32
−58
86
−128
−2.0
−45
−100
mA
Power Supply Current (Per Amplifier, VO = 0 V)
TA = −40 to +125°C
VCC = 0.5 V to VEE = −0.5 V
Venable = VCC
Venable = VEE
VCC = 1.5 V to VEE = −1.5 V
Venable = VCC
Venable = VEE
VCC = 2.5 V to VEE = −2.5 V
Venable = VCC
Venable = VEE
ID
480
1.5
720
2.2
820
2.5
600
3.0
900
5.0
1000
5.0
mA
Enable Input Threshold Voltage (VCC = 2.5 V, VEE = −2.5 V)
Operating
Disabled
Vth(EN)
1.7 V + VEE
2.7 V + VEE
1.9
2.8 V + VEE
V
Enable Input Current (VCC = 5.0 V, VEE = 0)
Enable = 5.0 V
Enable = GND
IEnable
1.1
1.1
2.0
2.0
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn