Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCS2002 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCS2002
Description  Sub−One Volt Rail−to−Rail Operational Amplifier with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCS2002 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
6
85°C
2.0
0
1.0 k
f, Frequency (Hz)
4.0
6.0
8.0
10
10 k
100 k
1.0 M
0
10
20
30
40
50
60
70
90
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, Frequency (Hz)
VS = ±3.5 V
f, Frequency (Hz)
Figure 8. Output Voltage versus Frequency
Figure 9. Common Mode Rejection Ratio
versus Frequency
Figure 10. Power Supply Rejection Ratio
versus Frequency
Figure 11. Output Short Circuit Sinking
Current versus Supply Voltage
VS = ±2.5 V
VS = ±0.45 V
AV = 1.0
RL = 10 k
TA = 25°C
VS, Supply Voltage (V)
Figure 12. Output Short Circuit Sourcing
Current versus Supply Voltage
Figure 13. Supply Current versus Supply
Voltage with No Load
120
10
100
1.0 k
10 k
100 k
1.0 M
10 M
80
60
40
20
0
PSR +
PSR −
0
±1.0
±2.0
±3.5
±0.5
±1.5
1.0
0.8
0.6
0.4
0.2
0
VS, Supply Voltage (V)
VS, Supply Voltage (V)
0
±1.0
±2.0
±2.5
±0.5
±1.5
200
160
120
80
40
0
±3.0
±3.5
0
±1.0
±2.0
±2.5
±0.5
±1.5
280
160
120
80
40
0
±3.0
±3.5
−40°C
25°C
85°C
−40°C
25°C
85°C
Output Pulsed Test
at 3% Duty Cycle
Output Pulsed Test
at 3% Duty Cycle
80
VS = ±2.5 V
RL = ∞
AV = 1.0
TA = 25°C
VS = ±2.5 V
RL = ∞
AV = 1.0
TA = 25°C
100
200
240
±2.5
±3.0
−40°C
25°C
RL = ∞
AV = 1.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn