Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCS2002 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCS2002
Description  Sub−One Volt Rail−to−Rail Operational Amplifier with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCS2002 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
5
1.0
20
80
10 k
60
100 k
1.0 k
100
1.0 M
40
0
10
VS = $2.5 V
RL = 100 k
TA = 25°C
Amp = 0.8 mV
100
10 M
Gain
Phase
0
20
60
100
180
t, Time (1.0 ms/Div)
t, Time (500 ns/Div)
VS = $2.5 V
RL = 10 k
CL = 10 pF
AV = 1.0
TA = 25°C
TA, Ambient Temperature (°C)
Figure 2. Output Saturation Voltage versus
Load Resistance
Figure 3. Output Saturation Voltage versus
Load Current
Figure 4. Input Bias Current versus
Temperature
Figure 5. Gain and Phase versus Frequency
Figure 6. Transient Response
Figure 7. Slew Rate
0
100
1.0 k
10 k
100 k
1.0 M
RL, Load Resistance (W)
200
400
600
−600
−400
−200
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
VS = ±2.5 V
RL to GND
TA = 25°C
f, Frequency (Hz)
10,000
100
1.0
0
0
25
50
75
100
125
10
0
0
4.0
16
20
IL, Load Current (mA)
0.1
0.2
0.3
−0.3
−0.2
−0.1
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
8.0
12
−0.4
0.4
−0.5
VS = $2.5 V
RL to GND
TA = 25°C
1000
VS = ±2.5 V
RL = ∞
CL = 0
AV = 1.0
140
VS = $2.5 V
RL = 10 k
CL = 10 pF
AV = 1.0
TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn